Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C2550CQ48 Datasheet (PDF) - Exar Corporation

ST16C2550CQ48 Datasheet PDF - Exar Corporation
Part # ST16C2550CQ48
Download  ST16C2550CQ48 Download

File Size   443.31 Kbytes
Page   34 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS

ST16C2550CQ48 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C2550CQ48 Datasheet PDF - Exar Corporation

Part # ST16C2550CQ48
Download  ST16C2550CQ48 Click to download

File Size   443.31 Kbytes
Page   34 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS

ST16C2550CQ48 Datasheet (HTML) - Exar Corporation

Back Button ST16C2550CQ48 Datasheet HTML 1Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 2Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 3Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 4Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 5Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 6Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 7Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 8Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 9Page - Exar Corporation ST16C2550CQ48 Datasheet HTML 10Page - Exar Corporation Next Button 

ST16C2550CQ48 Product details

GENERAL DESCRIPTION

The ST16C2550 (C2550) is a dual universal asynchronous receiver and transmitter (UART). The ST16C2550 is an improved version of the PC16550 UART with higher operating speed and faster access times. The C2550 provides enhanced UART functions with 16 byte FIFO’s, a modem control interface, and data rates up to 4 Mbps. Onboard status registers provide the user with error indications and operational status. System interrupts and modem control features may be tailored by external software to meet specific user requirements. Independent programmable baud rate generators are provided to select transmit and receive clock rates from 50 bps to 4 Mbps. The Baud Rate Generator can be configured for either crystal or external clock input. An internal loopback capability allows onboard diagnostics. The C2550 is available in a 44-pin PLCC and 48-pin TQFP packages. The C2550 is fabricated in an advanced CMOS process capable of operating from 2.97 volt to 5.5 volt power supply.



FEATURES

Added feature in devices with top mark date code of "A2 YYWW" and newer:

   ■ 5 Volt Tolerant Inputs

• Pin-to-pin compatible to Exar’s ST16C2450, XR16L2550 and XR16L2750

• Pin-to-pin compatible to TI’s TL16C752B on the 48- TQFP package

• Pin alike XR16C2850 48-TQFP package but without CLK8/16, CLKSEL and HDCNTL inputs

• 2 independent UART channels

   ■ Up to 4 Mbps with external clock of 64 MHz

   ■ Up to 1.5 Mbps data rate with a 24 MHz crystal frequency

   ■ 16 byte Transmit FIFO to reduce the bandwidth requirement of the external CPU

   ■ 16 byte Receive FIFO with error tags to reduce the bandwidth requirement of the external CPU

   ■ 4 selectable Receive FIFO interrupt trigger levels

   ■ Modem control signals (CTS#, RTS#, DSR#, DTR#, RI#, CD#)

   ■ Programmable character lengths (5, 6, 7, 8) with even, odd, or no parity

• Crystal oscillator or external clock input

• 48-TQFP and 44-PLCC packages



APPLICATIONS

• Portable Appliances

• Telecommunication Network Routers

• Ethernet Network Routers

• Cellular Data Devices

• Factory Automation and Process Controls



 




Similar Part No. - ST16C2550CQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550CQ48 EXAR-ST16C2550CQ48 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550CQ48 EXAR-ST16C2550CQ48 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results


Similar Description - ST16C2550CQ48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com