Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRN6165 Datasheet (PDF) - Amphenol Corporation

GRN6165 Datasheet PDF - Amphenol Corporation
Part # GRN6165
Download  GRN6165 Download
File Size   219.67 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Measurement range: 8.5% - 36.8%

GRN6165 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRN6165 Datasheet PDF - Amphenol Corporation

Part # GRN6165
Download  GRN6165 Click to download

File Size   219.67 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Measurement range: 8.5% - 36.8%

GRN6165 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - GRN6165

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GRN6 EIC-GRN6 Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
GRN6 GOOD-ARK-GRN6 Datasheet
170Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
EIC discrete Semiconduc...
GRN6 EIC-GRN6 Datasheet
99Kb / 2P
GLASS PASSIVATED JUNCTION
More results


Similar Description - GRN6165

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1159 SEMTECH-SC1159 Datasheet
333Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
logo
Integrated Circuit Syst...
SF0036BA01033T ICST-SF0036BA01033T Datasheet
217Kb / 2P
36.8 MHz Filter for VSB system B/G - IF Applications
Rev 1.1
logo
Semtech Corporation
SC2659 SEMTECH-SC2659 Datasheet
339Kb / 20P
Programmable Synchronous DC/DC Hysteretic Controller with VRM 8.5 VID Range
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
MEASUREMENT INSTRUMENTS
logo
API Technologies Corp
CMD111 APITECH-CMD111 Datasheet
117Kb / 1P
8.0 / 8.5 Diplexer
SF0036BA01033T APITECH-SF0036BA01033T Datasheet
126Kb / 3P
36.8 MHz SAW Filter 5.7 MHz Bandwidth
logo
List of Unclassifed Man...
2650A ETC2-2650A Datasheet
510Kb / 8P
Frequency range from 50 kHz ??3.3 GHz or 8.5 GHz
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
For wide range thermal measurement application
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com