Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI-9945-125H Datasheet (PDF) - API Technologies Corp

SCI-9945-125H Datasheet PDF - API Technologies Corp
Part # SCI-9945-125H
Download  SCI-9945-125H Download
File Size   128.12 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description Rugged monolithic discoidal capacitor construction

SCI-9945-125H Datasheet (PDF)

Go To PDF Page Download Datasheet
SCI-9945-125H Datasheet PDF - API Technologies Corp

Part # SCI-9945-125H
Download  SCI-9945-125H Click to download

File Size   128.12 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description Rugged monolithic discoidal capacitor construction

SCI-9945-125H Datasheet (HTML) - API Technologies Corp


SCI-9945-125H Product details

Features
■ .400" diameter mounting vs .128" diameter mounting
■ High temperature construction withstands 300°C
   installation temperatures
■ Increased capacitance values than standard
   9900 series - up to 1.2uF
■ EMI filtering from 500KHz up to 10GHz
■ 15 Amp current rating
■ Ideal for low to medium impedance circuits where
   large amounts of capacitance to ground can be
   tolerated (feed-thru “C” circuit)
■ Glass seal one end provides protection from hostile
   environments and maintain hermeticity
■ Rugged monolithic discoidal capacitor construction
■ Gold plated suited for gold bonding
■ Designed to be soldered into a package,
   bracket or bulkhead
■ Reverse seal available
■ Special lead length and end terminations available




Similar Part No. - SCI-9945-125H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCI-9900-000 ETC2-SCI-9900-000 Datasheet
80Kb / 1P
Miniature Solder-in Filters
logo
API Technologies Corp
SCI-9900-000 APITECH-SCI-9900-000 Datasheet
230Kb / 2P
Miniature Solder-in Filters
logo
List of Unclassifed Man...
SCI-9900-153 ETC2-SCI-9900-153 Datasheet
80Kb / 1P
Miniature Solder-in Filters
logo
API Technologies Corp
SCI-9900-153 APITECH-SCI-9900-153 Datasheet
230Kb / 2P
Miniature Solder-in Filters
logo
List of Unclassifed Man...
SCI-9900-303 ETC2-SCI-9900-303 Datasheet
80Kb / 1P
Miniature Solder-in Filters
More results


Similar Description - SCI-9945-125H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
Durable, rugged construction
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
Durable, rugged construction
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
Rugged Construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
Rugged construction
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
Rugged construction
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
rugged construction
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
Rugged construction SMD TCXO
logo
Linx Technologies
ANT-315-HETH LINX-ANT-315-HETH Datasheet
445Kb / 2P
Rugged phosphor-bronze construction
5/16/16
logo
Ultralife Corporation.
UBBL03 ULTRALIFE-UBBL03 Datasheet
501Kb / 2P
Rugged case construction
Rev: L
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com