Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet (PDF) - Wolfson Microelectronics plc

WM8776 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8776
Download  WM8776 Download
File Size   594.76 Kbytes
Page   55 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER

WM8776 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8776 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8776
Download  WM8776 Click to download

File Size   594.76 Kbytes
Page   55 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER

WM8776 Datasheet (HTML) - Wolfson Microelectronics plc


WM8776 Product details

DESCRIPTION

The WM8776 is a high performance, stereo audio CODEC with five channel input selector. The WM8776 is ideal for surround sound processing applications for home hi-fi, DVD-RW and other audio visual equipment.

A stereo 24-bit multi-bit sigma delta ADC is used with a five stereo channel input mixer. Each ADC channel has programmable gain control with automatic level control. Digital audio output word lengths from 16-32 bits and sampling rates from 32kHz to 96kHz are supported.

A stereo 24-bit multi-bit sigma delta DAC is used with digital audio input word lengths from 16-32 bits and sampling rates from 32kHz to 192kHz. The DAC has an input mixer allowing an external analogue signal to be mixed with the DAC signal. There are also Headphone and line outputs, with volume controls for the headphones.



FEATURES

• Audio Performance

   − 108dB SNR (‘A’ weighted @ 48kHz) DAC

   − 102dB SNR (‘A’ weighted @ 48kHz) ADC

• DAC Sampling Frequency: 32kHz – 192kHz

• ADC Sampling Frequency: 32kHz – 96kHz

• Five stereo ADC inputs with analogue gain adjust from +24dB to –21dB in 0.5dB steps

• Programmable Limiter or Automatic Level Control (ALC)

• Stereo DAC with independent analogue and digital volume controls

• Stereo Headphone and Line Output

• 3-Wire SPI Compatible or 2-Wire Software Serial Control Interface

• Master or Slave Clocking Mode

• Programmable Audio Data Interface Modes

   − I2S, Left, Right Justified or DSP

   − 16/20/24/32 bit Word Lengths

• Analogue Bypass Path Feature

• Selectable AUX input to the volume controls

• 2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation



APPLICATIONS

• Surround Sound AV Processors and Hi-Fi systems

• DVD-RW




Similar Part No. - WM8776

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8776 WOLFSON-WM8776 Datasheet
614Kb / 57P
24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
WM8776SEFT/RV WOLFSON-WM8776SEFT/RV Datasheet
614Kb / 57P
24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
WM8776SEFT/V WOLFSON-WM8776SEFT/V Datasheet
614Kb / 57P
24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
WM8776 WOLFSON-WM8776_05 Datasheet
614Kb / 57P
24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
More results


Similar Description - WM8776

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8774 WOLFSON-WM8774 Datasheet
367Kb / 42P
24 - bit, 192kHz 8 - Channel Input Stereo Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8776 WOLFSON-WM8776_05 Datasheet
614Kb / 57P
24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com