Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T851G Datasheet (PDF) - Zetex Semiconductors

ZX5T851G Datasheet PDF - Zetex Semiconductors
Part # ZX5T851G
Download  ZX5T851G Download
File Size   122.36 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZX5T851G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX5T851G Datasheet PDF - Zetex Semiconductors

Part # ZX5T851G
Download  ZX5T851G Click to download

File Size   122.36 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZX5T851G Datasheet (HTML) - Zetex Semiconductors


ZX5T851G Product details

DESCRIPTION
Packaged in the SOT223 outline this new 5th generation low saturation 60V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extremely low equivalent on-resistance; RSAT = 35mV at 6A
• 6 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics up to 10 amps

APPLICATIONS
• Emergency lighting circuits
• Motor driving (including DC fans)
• Solenoid, relay and actuator drivers
• DC Modules
• Backlight Inverters




Similar Part No. - ZX5T851G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T851G DIODES-ZX5T851G Datasheet
132Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZX5T851GTA DIODES-ZX5T851GTA Datasheet
132Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZX5T851GTC DIODES-ZX5T851GTC Datasheet
132Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
More results


Similar Description - ZX5T851G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T851G DIODES-ZX5T851G Datasheet
132Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
JUNE 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com