Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

189543--1 Datasheet (PDF) - Tyco Electronics

189543--1 Datasheet PDF - Tyco Electronics
Part # 189543--1
Download  189543--1 Download
File Size   108.92 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 0.8mm CHAMP* Crimper Assemblies

189543--1 Datasheet (PDF)

Go To PDF Page Download Datasheet
189543--1 Datasheet PDF - Tyco Electronics

Part # 189543--1
Download  189543--1 Click to download

File Size   108.92 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 0.8mm CHAMP* Crimper Assemblies

189543--1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 189543--1

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18954 ATOM-18954 Datasheet
634Kb / 2P
AT9479 INSECT
31st of January 2025 05:59:07
logo
Weidmuller
1895460000 WEIDMULLER-1895460000 Datasheet
312Kb / 22P
System pitch 5.00 mm (0.197 inch) BL 5.00/02/180 SN BK BX
February 14, 2011 12:47:53 PM
More results


Similar Description - 189543--1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-01-0117 MOLEX11-11-01-0117 Datasheet
22Kb / 1P
Hand Crimper
0011010088 MOLEX1-0011010088 Datasheet
22Kb / 1P
Hand Crimper
0011010097 MOLEX1-0011010097 Datasheet
22Kb / 1P
Hand Crimper
logo
Tyco Electronics
5175677-2 MACOM-5175677-2 Datasheet
91Kb / 1P
CHAMP .050 PLUG CONN. KIT
5796055 MACOM-5796055 Datasheet
212Kb / 2P
RECEPTACLE ASSEMBLY, RIGHT ANGLE, 68 POS, SHIELDED, CHAMP 0.8MM
552723-1 MACOM-552723-1 Datasheet
32Kb / 1P
LATCH, LOCKING, CHAMP-LOK
logo
Molex Electronics Ltd.
63811-1100 MOLEX11-63811-1100 Datasheet
37Kb / 1P
Hand Crimper
63811-7500 MOLEX11-63811-7500 Datasheet
39Kb / 1P
Hand Crimper
0011010189 MOLEX-0011010189 Datasheet
30Kb / 1P
Hand Crimper
11/04/2009
0011010209 MOLEX-0011010209 Datasheet
30Kb / 1P
Hand Crimper
01/12/2010
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com