Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33888 Datasheet (PDF) - Motorola, Inc

33888 Datasheet PDF - Motorola, Inc
Part # 33888
Download  33888 Download
File Size   667.46 Kbytes
Page   32 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad High-Side and Octal Low-Side Switch for Automotive

33888 Datasheet (PDF)

Go To PDF Page Download Datasheet
33888 Datasheet PDF - Motorola, Inc

Part # 33888
Download  33888 Click to download

File Size   667.46 Kbytes
Page   32 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad High-Side and Octal Low-Side Switch for Automotive

33888 Datasheet (HTML) - Motorola, Inc


33888 Product details

The 33888 is a single-package combination of a power die with four discrete high-side MOSFETs (two 10 mΩ and two 40 mΩ) and an integrated IC control die consisting of eight low-side drivers (600 mΩ each) with appropriate control, protection, and diagnostic features. Programming, control, and diagnostics are accomplished using a 16-bit SPI interface. Additionally, each high-side output has its own parallel input for pulse-width modulation (PWM) control if desired. The low sides share a single configurable direct input. The 33888 is available in two power packages.



Features

Dual 10 mΩ High Side, Dual 40 mΩ High Side, Octal 600 mΩ Low Side

Full Operating Voltage of 6.0 V to 27 V

SPI Control of High-Side Overcurrent Limit, High Side Current Sense, Output OFF Open Load Detection, Output ON/OFF Control, Watchdog Timeout

SPI Reporting of Program Status and Fault

High-Side Analog Current Feedback with Selectable Ratio

Enhanced 16 V Reverse Polarity VPWR Protection




Similar Part No. - 33888

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33888 FREESCALE-33888 Datasheet
1Mb / 40P
Quad High-Side and Octal Low-Side Switch for Automotive
33888A FREESCALE-33888A Datasheet
1Mb / 40P
Quad High-Side and Octal Low-Side Switch for Automotive
More results


Similar Description - 33888

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
Smart Octal Low-Side Switch
V1.1 Oct. 2003
logo
Motorola, Inc
MC33888FB MOTOROLA-MC33888FB Datasheet
711Kb / 18P
Quad High Side and Octal Low Side Switch for Automotive
logo
Freescale Semiconductor...
33888 FREESCALE-33888 Datasheet
1Mb / 40P
Quad High-Side and Octal Low-Side Switch for Automotive
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
Quad High Side Switch
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
logo
Freescale Semiconductor...
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
Quad High Side Switch
logo
Motorola, Inc
MC33293A MOTOROLA-MC33293A Datasheet
239Kb / 16P
QUAD LOW SIDE SWITCH
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com