Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX32CC0800LEWBXSC-PF Datasheet (PDF) - Advanced Crystal Technology

TX32CC0800LEWBXSC-PF Datasheet PDF - Advanced Crystal Technology
Part # TX32CC0800LEWBXSC-PF
Download  TX32CC0800LEWBXSC-PF Download
File Size   591.68 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL

TX32CC0800LEWBXSC-PF Datasheet (PDF)

Go To PDF Page Download Datasheet
TX32CC0800LEWBXSC-PF Datasheet PDF - Advanced Crystal Technology

Part # TX32CC0800LEWBXSC-PF
Download  TX32CC0800LEWBXSC-PF Click to download

File Size   591.68 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL

TX32CC0800LEWBXSC-PF Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - TX32CC0800LEWBXSC-PF

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX32-19-13 FERROXCUBE-TX32-19-13 Datasheet
44Kb / 3P
Ferrite toroids
TX32/19/13 FERROXCUBE-TX32/19/13 Datasheet
44Kb / 3P
Ferrite toroids
TX32/19/13-3E5 FERROXCUBE-TX32/19/13-3E5 Datasheet
44Kb / 3P
Ferrite toroids
logo
Campbell Scientific Uni...
TX320 CAMPBELL-TX320 Datasheet
485Kb / 2P
High Data Rate GOES Transmitter
09/17/2021
logo
TANDA UK Limited.
TX3202-NB TANDAUK-TX3202-NB Datasheet
522Kb / 1P
NB-IoT Input Module
More results


Similar Description - TX32CC0800LEWBXSC-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA61 CALIBER-TA61 Datasheet
76Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
logo
Advanced Crystal Techno...
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCT53-4 ACT-TCT53-4 Datasheet
727Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com