Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY35X Datasheet (PDF) - List of Unclassifed Manufacturers

CNY35X Datasheet PDF - List of Unclassifed Manufacturers
Part # CNY35X
Download  CNY35X Download
File Size   44.67 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

CNY35X Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY35X Datasheet PDF - List of Unclassifed Manufacturers

Part # CNY35X
Download  CNY35X Click to download

File Size   44.67 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

CNY35X Datasheet (HTML) - List of Unclassifed Manufacturers


CNY35X Product details

[ISOCOM]

DESCRIPTION
The Solid State CNY35 optically coupled isolator consists of two infrared light emitting diodes connected in inverse parallel and NPN silicon photo transistor in a standard 6 pin dual in line plastic package.

FEATURES
• Options :-
    10mm lead spread - add G after part no.
    Surface mount - add SM after part no.
    Tape&reel - add SMT&R after part no.
• High Isolation Voltage (5.3kVRMS ,7.5kVPK )
• AC or polarity insensitive input
• All electrical parameters 100% tested
• Custom electrical selections available

APPLICATIONS
• Computer terminals
• Industrial systems controllers
• Telephone sets, Telephone exchangers
• Signal transmission between systems of different potentials and impedances




Similar Part No. - CNY35X

ManufacturerPart #DatasheetDescription
logo
GE Solid State
CNY35 GESS-CNY35 Datasheet
234Kb / 6P
PHOTON COUPLED ISOLATOR CNY33
More results


Similar Description - CNY35X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIL194 ETC-TIL194 Datasheet
84Kb / 3P
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS733 ETC-IS733 Datasheet
38Kb / 3P
A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP814 ETC-ISP814 Datasheet
98Kb / 3P
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS604X ISOCOM-IS604X Datasheet
47Kb / 3P
A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP626-1X ISOCOM-ISP626-1X Datasheet
65Kb / 3P
LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP620X ISOCOM-TLP620X Datasheet
75Kb / 3P
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
H11AA1 ISOCOM-H11AA1 Datasheet
368Kb / 3P
A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL194 ISOCOM-TIL194 Datasheet
1Mb / 3P
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP814XSM ISOCOM-ISP814XSM Datasheet
90Kb / 3P
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Panasonic Semiconductor
ISP814XSM PANASONIC-ISP814XSM Datasheet
90Kb / 3P
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com