Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M60642JSN Datasheet (PDF) - MTRONPTI

M60642JSN Datasheet PDF - MTRONPTI
Part # M60642JSN
Download  M60642JSN Download
File Size   882.44 Kbytes
Page   2 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description 2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO

M60642JSN Datasheet (PDF)

Go To PDF Page Download Datasheet
M60642JSN Datasheet PDF - MTRONPTI

Part # M60642JSN
Download  M60642JSN Click to download

File Size   882.44 Kbytes
Page   2 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description 2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO

M60642JSN Datasheet (HTML) - MTRONPTI




Similar Part No. - M60642JSN

ManufacturerPart #DatasheetDescription
logo
Heyco.
M6060 HEYCO-M6060 Datasheet
292Kb / 1P
HEYbrid™ Stainless Steel Liquid Tight Cordgrips
logo
Vishay Siliconix
M6060C VISHAY-M6060C Datasheet
103Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
M6060C VISHAY-M6060C Datasheet
91Kb / 6P
Dual Common-Cathode Schottky Rectifier
20-Nov-12
M6060C VISHAY-M6060C Datasheet
93Kb / 5P
Dual Common Cathode Schottky Rectifier
17-Aug-15
M6060P VISHAY-M6060P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
More results


Similar Description - M60642JSN

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
SMD TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
logo
MTRONPTI
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
Clipped Sine Wave TCXO/VCTCXO
07/10/2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com