Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64APNF-G Datasheet (PDF) - fujitsu semiconductor

MB85RC64APNF-G Datasheet PDF - fujitsu semiconductor
Part # MB85RC64APNF-G
Download  MB85RC64APNF-G Download
File Size   287.29 Kbytes
Page   28 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 64 K (8 K 횞 8) Bit I2C

MB85RC64APNF-G Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RC64APNF-G Datasheet PDF - fujitsu semiconductor

Part # MB85RC64APNF-G
Download  MB85RC64APNF-G Click to download

File Size   287.29 Kbytes
Page   28 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 64 K (8 K 횞 8) Bit I2C

MB85RC64APNF-G Datasheet (HTML) - fujitsu semiconductor




Similar Part No. - MB85RC64APNF-G

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85RC64APNF-G-AME2 RAMXEED-MB85RC64APNF-G-AME2 Datasheet
2Mb / 26P
64 K (8 K x 8) Bit I2C
MB85RC64APNF-G-AMERE2 RAMXEED-MB85RC64APNF-G-AMERE2 Datasheet
2Mb / 26P
64 K (8 K x 8) Bit I2C
More results


Similar Description - MB85RC64APNF-G

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit I2C
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
logo
fujitsu semiconductor
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
64 K (8 K 횞 8) ?볝긿?뉹2C
MB85RS64V FUJITSU-MB85RS64V Datasheet
301Kb / 32P
64 K (8 K 횞 8) ?볝긿?늆PI
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
4 K (512 횞 8) Bit I2C
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
16 K (2 K 횞 8) Bit I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
256 K (32 K 횞 8) Bit I2C
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com