Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21363J Datasheet (PDF) - International Rectifier

IR21363J Datasheet PDF - International Rectifier
Part # IR21363J
Download  IR21363J Download
File Size   390.83 Kbytes
Page   36 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3-PHASE BRIDGE DRIVER

IR21363J Datasheet (PDF)

Go To PDF Page Download Datasheet
IR21363J Datasheet PDF - International Rectifier

Part # IR21363J
Download  IR21363J Click to download

File Size   390.83 Kbytes
Page   36 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3-PHASE BRIDGE DRIVER

IR21363J Datasheet (HTML) - International Rectifier


IR21363J Product details

Description
The IR2136/IR21362/IR21363/IR21365/IR21366/IR21367/IR21368(J&S) are high votage, high speed power MOSFET and IGBT drivers with three independent high and low side referenced output channels for 3-phase applications. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with CMOS or LSTTL outputs, down to 3.3V logic. A current trip function which terminates all six outputs can be derived from an external current sense resistor. An enable function is available to terminate all six outputs simultaneously.

Features
• Floating channel designed for bootstrap operation
   Fully operational to +600V
   Tolerant to negative transient voltage - dV/dt immune
• Gate drive supply range from 10 to 20V (IR2136/IR21368),
   11.5 to 20V (IR21362) or 12 to 20V (IR21363/IR21365/
   IR21366/IR21367)
• Undervoltage lockout for all channels
• Over-current shutdown turns off all six drivers
• Independent 3 half-bridge drivers
• Matched propagation delay for all channels
• Cross-conduction prevention logic
• Lowside outputs out of phase with inputs. High side
   outputs out of phase (IR2136/IR21363/IR21365/
   IR21366/IR21367/IR21368) or in phase
   (IR21362) with inputs.
• 3.3V logic compatible
• Lower di/dt gate driver for
   better noise immunity
• Externally programmable
   delay for automatic fault
   clear
• Also available LEAD-FREE




Similar Part No. - IR21363J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21363 IRF-IR21363 Datasheet
896Kb / 36P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR21363 INFINEON-IR21363 Datasheet
917Kb / 36P
600 V three-phase gate driver IC with OCP, Enable, and Fault
logo
International Rectifier
IR21363STRPBF IRF-IR21363STRPBF Datasheet
896Kb / 36P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
More results


Similar Description - IR21363J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
International Rectifier
IRS2136D IRF-IRS2136D Datasheet
604Kb / 23P
3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
3-PHASE BRIDGE DRIVER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com