Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-QFN-9022 Datasheet (PDF) - Ironwood Electronics.

SM-QFN-9022 Datasheet PDF - Ironwood Electronics.
Part # SM-QFN-9022
Download  SM-QFN-9022 Download
File Size   371.23 Kbytes
Page   5 Pages
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.
Description Current capability is 4A per pin at 14C temperature rise

SM-QFN-9022 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM-QFN-9022 Datasheet PDF - Ironwood Electronics.

Part # SM-QFN-9022
Download  SM-QFN-9022 Click to download

File Size   371.23 Kbytes
Page   5 Pages
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.
Description Current capability is 4A per pin at 14C temperature rise

SM-QFN-9022 Datasheet (HTML) - Ironwood Electronics.




Similar Part No. - SM-QFN-9022

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-QFN-9020 IRONWOOD-SM-QFN-9020 Datasheet
455Kb / 4P
Compression plate distributes forces evenly
SM-QFN-9021 IRONWOOD-SM-QFN-9021 Datasheet
380Kb / 4P
Compression plate distributes forces evenly
More results


Similar Description - SM-QFN-9022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
High Speed, High Current Capability Pin Driver
logo
Delta Electronics, Inc.
MPL135 DELTA-MPL135 Datasheet
274Kb / 1P
Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise
logo
ITT Industries
CCMJ-14C-EL ITT-CCMJ-14C-EL Datasheet
386Kb / 2P
CCMJ-14C-EL
logo
Systemsensor advanced i...
5251RP SYSTEMSENSOR-5251RP Datasheet
41Kb / 4P
Rate-of-Rise Temperature Sensor
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
List of Unclassifed Man...
IT247 ETC2-IT247 Datasheet
303Kb / 2P
Ignition current 10mA - 25mA Rise time t at R 400
logo
Analog Devices
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
logo
Murata Manufacturing Co...
LQW15AN9N7H0Z MURATA-LQW15AN9N7H0Z Datasheet
76Kb / 2P
Rated current (Itemp) (Based on Temperature rise)
logo
Hongfa Technology
HFD23 HONGFA-HFD23_17 Datasheet
60Kb / 3P
Max. 4A switching capability
logo
Bel Fuse Inc.
Q48S25033 BEL-Q48S25033 Datasheet
937Kb / 13P
Higher current capability at 70 쨘C than existing
More results




About Ironwood Electronics.


Ironwood Electronics is a US-based company that designs and manufactures high-performance sockets and adapters for use in semiconductor test and burn-in applications. The company was founded in 1986 and is headquartered in Burnsville, Minnesota, USA.

Ironwood Electronics' product portfolio includes a wide range of sockets and adapters for various package types, including ball grid array (BGA), quad flat no-lead (QFN), land grid array (LGA), and dual in-line package (DIP). These products are used by semiconductor manufacturers and test labs to test and validate the performance of their ICs.

Ironwood Electronics has a strong focus on quality and reliability, and its products are known for their precision, durability, and ease of use. The company also offers custom designs to meet specific customer requirements. Ironwood Electronics serves customers worldwide and has a global network of distributors and representatives.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com