Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT8CR512K32 Datasheet (PDF) - Aeroflex Circuit Technology

UT8CR512K32 Datasheet PDF - Aeroflex Circuit Technology
Part # UT8CR512K32
Download  UT8CR512K32 Download
File Size   318.05 Kbytes
Page   16 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT8CR512K32 16 Megabit SRAM

UT8CR512K32 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT8CR512K32 Datasheet PDF - Aeroflex Circuit Technology

Part # UT8CR512K32
Download  UT8CR512K32 Click to download

File Size   318.05 Kbytes
Page   16 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT8CR512K32 16 Megabit SRAM

UT8CR512K32 Datasheet (HTML) - Aeroflex Circuit Technology


UT8CR512K32 Product details

INTRODUCTION
The UT8CR512K32 is a high-performance CMOS static RAM multi-chip module (MCM), organized as four individual 524,288 words by 8 bit SRAMs with common output enable. Easy memory expansion is provided by active LOW chip enables (En), an active LOW output enable (G), and three-state drivers. This device has a power-down feature that reduces power consumption by more than 90% when deselected.
Writing to each memory is accomplished by taking the corresponding chip enable (En) input LOW and write enable (Wn) input LOW. Data on the I/O pins is then written into the location specified on the address pins (A0 through A18). Reading from the device is accomplished by taking the chip enable (En) and output enable (G) LOW while forcing write enable (Wn) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the I/O pins.
The input/output pins are placed in a high impedance state when the device is deselected (En HIGH), the outputs are disabled (G HIGH), or during a write operation (En LOW and Wn LOW). Perform 8, 16, 24 or 32 bit accesses by making Wn along with En a common input to any combination of the discrete memory die.

FEATURES
❐ 17ns maximum access time
❐ Asynchronous operation for compatibility with industry standard 512K x 8 SRAMs
❐ CMOS compatible inputs and output levels, three-state bidirectional data bus
   - I/O Voltage 3.3 volts, 1.8 volt core
❐ Operational environment:
   - Intrinsic total-dose: 300 krad(Si)
   - SEL Immune >100 MeV-cm2/mg
   - LETth (0.25): 53.0 MeV-cm2/mg
   - Memory Cell Saturated Cross Section 1.67E-7cm2/bit
   - Neutron Fluence: 3.0E14n/cm2
   - Dose Rate
   - Upset 1.0E9 rad(Si)/sec
   - Latchup 1.0E11 rad(Si)/sec
❐ Packaging options:
   - 68-lead ceramic quad flatpack (20.238 grams with lead frame)
❐ Standard Microcircuit Drawing 5962-04227
   - QML Q & V compliant part




Similar Part No. - UT8CR512K32

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
UT8 LSTD-UT8 Datasheet
548Kb / 2P
Reliable solid state operation
logo
Aeroflex Circuit Techno...
UT80196 AEROFLEX-UT80196 Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
logo
SHENZHEN DOINGTER SEMIC...
UT8020A DOINGTER-UT8020A Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
List of Unclassifed Man...
UT8030 ETC2-UT8030 Datasheet
744Kb / 1P
Ultrasonic Cleaning
UT8060 ETC2-UT8060 Datasheet
744Kb / 1P
Ultrasonic Cleaning
More results


Similar Description - UT8CR512K32

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
16-megabit Flash 4-megabit SRAM Stack Memory
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
16 Megabit (512K x 32-Bit) MCM SRAM
logo
List of Unclassifed Man...
EDI8M8256C ETC1-EDI8M8256C Datasheet
280Kb / 6P
TWO MEGABIT SRAM MODULE
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com