Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOX465 Datasheet (PDF) - Fox Electronics

FOX465 Datasheet PDF - Fox Electronics
Part # FOX465
Download  FOX465 Download
File Size   390.85 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 32.768kHz SMD Crystal Oscillator

FOX465 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOX465 Datasheet PDF - Fox Electronics

Part # FOX465
Download  FOX465 Click to download

File Size   390.85 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 32.768kHz SMD Crystal Oscillator

FOX465 Datasheet (HTML) - Fox Electronics




Similar Part No. - FOX465

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FOX480-20 ETC1-FOX480-20 Datasheet
47Kb / 1P
STANDARD CRYSTALS
FOX480F-20 ETC1-FOX480F-20 Datasheet
47Kb / 1P
STANDARD CRYSTALS
More results


Similar Description - FOX465

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLK ABRACON-ASFLK Datasheet
243Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
06.28.07
logo
Fox Electronics
F254 FOX-F254 Datasheet
198Kb / 2P
HCMOS 32.768kHz 4x2.5mm SMD Oscillator
logo
Abracon Corporation
ASFLK ABRACON-ASFLK_08 Datasheet
153Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASFLK-32768KHZ-LJT ABRACON-ASFLK-32768KHZ-LJT Datasheet
979Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
09.14.09
logo
Fox Electronics
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com