Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS3201T3G Datasheet (PDF) - ON Semiconductor

MBRS3201T3G Datasheet PDF - ON Semiconductor
Part # MBRS3201T3G
Download  MBRS3201T3G Download
File Size   130.33 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Fast Soft-Recovery Power Rectifier

MBRS3201T3G Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRS3201T3G Datasheet PDF - ON Semiconductor

Part # MBRS3201T3G
Download  MBRS3201T3G Click to download

File Size   130.33 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Fast Soft-Recovery Power Rectifier

MBRS3201T3G Datasheet (HTML) - ON Semiconductor


MBRS3201T3G Product details

Features
• Lower Forward Voltage than any Ultrafast Rectifier: VF < 0.59 V at 150°C
• Fast Switching Speed: Reverse Recovery Time (tRR) < 35 ns
• Soft Recovery Characteristics: Softness Factor (tb/ta)  1
• Highly Stable Over Temperature
• Pb−Free Package is Available




Similar Part No. - MBRS3201T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
58Kb / 4P
200V, 3A Schottky Fast Soft?뭃ecovery Power Rectifier SMC Power Surface Mount Package
August, 2005 ??Rev. 2
MBRS3201T3G ONSEMI-MBRS3201T3G Datasheet
201Kb / 5P
Schottky Power Rectifier, Surface Mount, Fast Soft-Recovery 200V, 3.0A SMC Power Surface Mount Package
August, 2021 - Rev. 7
MBRS3201T3G ONSEMI-MBRS3201T3G_V01 Datasheet
201Kb / 5P
Schottky Power Rectifier, Surface Mount, Fast Soft-Recovery 200V, 3.0A SMC Power Surface Mount Package
August, 2021 - Rev. 7
More results


Similar Description - MBRS3201T3G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
Fast soft-recovery rectifier
1998 Nov 25
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
Fast soft-recovery rectifier
1998 Dec 03
BYV98 PHILIPS-BYV98 Datasheet
56Kb / 8P
Fast soft-recovery rectifier
1996 Jun 07
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
Fast Soft Recovery Rectifier
24-Jun-98
S414D VISHAY-S414D Datasheet
36Kb / 3P
Fast Soft Recovery Rectifier
24-Jun-98
logo
ON Semiconductor
MBRS3201T3 ONSEMI-MBRS3201T3 Datasheet
44Kb / 4P
200V, 3A Schottky Fast Soft-Recovery Power Rectifier
October, 2004 ??Rev. 0
MBRS4201T3 ONSEMI-MBRS4201T3_08 Datasheet
96Kb / 4P
200V, 4A Schottky Fast Soft-Recovery Power Rectifier
August, 2008 ??Rev. 4
MBRS3201P ONSEMI-MBRS3201P Datasheet
62Kb / 4P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
MBRS4201P ONSEMI-MBRS4201P Datasheet
61Kb / 5P
Schottky Fast Soft-Recovery Power Rectifier
August, 2015 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com