Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVC162245 Datasheet (PDF) - Integrated Device Technology

IDT74ALVC162245 Datasheet PDF - Integrated Device Technology
Part # IDT74ALVC162245
Download  IDT74ALVC162245 Download
File Size   93.55 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS

IDT74ALVC162245 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74ALVC162245 Datasheet PDF - Integrated Device Technology

Part # IDT74ALVC162245
Download  IDT74ALVC162245 Click to download

File Size   93.55 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS

IDT74ALVC162245 Datasheet (HTML) - Integrated Device Technology


IDT74ALVC162245 Product details

DESCRIPTION:
This 16-bit bus transceiver is built using advanced dual metal CMOS technology. The ALVC162245 is designed for asynchronous communication between data buses. The control-function implementation minimizes external timing requirements.
This device can be used as two 8-bit transceivers or one 16-bit transceiver. It allows data transmission from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so that the buses are effectively isolated.
The ALVC162245 has series resistors in the device output structure of the “A” port which will significantly reduce line noise when used with light loads. This driver has been designed to drive ±12mA at the designated threshold levels. The “B” port has a ±24mA driver.

FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
   machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range
• VCC = 2.7V to 3.6V, Extended Range
• VCC = 2.5V ± 0.2V
• CMOS power levels (0.4μ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in TSSOP package

DRIVE FEATURES:
• Balanced Output Drivers: ±12mA (A port)
• High Output Drivers: ±24mA (B port)

APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems




Similar Part No. - IDT74ALVC162245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
96Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER
More results


Similar Description - IDT74ALVC162245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74AUC16245 IDT-IDT74AUC16245 Datasheet
93Kb / 7P
1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74AUCR16245 IDT-IDT74AUCR16245 Datasheet
93Kb / 7P
1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT163601 IDT-IDT74FCT163601 Datasheet
104Kb / 7P
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVCH16952 IDT-IDT74ALVCH16952 Datasheet
85Kb / 6P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16652 IDT-IDT74ALVCH16652 Datasheet
121Kb / 8P
3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCH16245 RENESAS-IDT74ALVCH16245 Datasheet
285Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com