Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-2131 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-2131 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-2131
Download  HDSP-2131 Download
File Size   217.48 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications

HDSP-2131 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-2131 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2131
Download  HDSP-2131 Click to download

File Size   217.48 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications

HDSP-2131 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HDSP-2131 Product details

Description
The HDSP-2131 (yellow), HDSP-2179 (orange), HDSP-2132 (high efficiency red) and the HDSP-2133 (green) are eight-digit, 5 x 7 dot matrix, alphanumeric displays. The 5.0 mm (0.2 inch) high characters are packaged in a standard 7.64 mm (0.30 inch) 32 pin DIP. The on-board CMOS IC has the ability to decode 128 ASCII characters, which are permanently stored in ROM. In addition, 16 programmable symbols may be stored in an on-board RAM. Seven brightness levels provide versatility in adjusting the display intensity and power consumption. The HDSP-213x and HDSP-2179 are designed for standard microprocessor interface techniques. The display and special features are accessed through a bidirectional eight-bit data bus. These features make the HDSP-213x and HDSP-2179 ideally suited for applications where a hermetic, low power alphanumeric display is required.

Features
• Wide operating temperature range -55°C to +85°C
• Smart alphanumeric display
   – On-board CMOS IC
   – Built-in RAM
   – ASCII decoder
   – LED drive circuitry
• 128 ASCII character set
• 16 user definable characters
• Programmable features
   – Individual character flashing
   – Full display blinking
   – Multi-level dimming and blanking
   – Self test
   – Clear function
• Read/write capability
• Full TTL compatibility
• HDSP-2131/-2133/-2179 useable in night vision lighting applications
• Categorized for luminous intensity
• HDSP-2131/2133 categorized for color
• Excellent ESD protection
• Wave solderable
• X-Y stackable
• RoHS compliant




Similar Part No. - HDSP-2131

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2131 HP-HDSP-2131 Datasheet
228Kb / 16P
Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
logo
Broadcom Corporation.
HDSP-2131 BOARDCOM-HDSP-2131 Datasheet
859Kb / 18P
Eight-Character 5.0-mm (0.2-in.) Glass/Ceramic Intelligent 5 횞 7 Alphanumeric Displays for Military Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
More results


Similar Description - HDSP-2131

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-665X HP-HDSP-665X Datasheet
948Kb / 17P
FOUR CHARACTER 5 mm HERMETIC 5x7 ALPHANUMERIC DISPLAYS FOR AVIONIC APPLICATIONS
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2131 HP-HDSP-2131 Datasheet
228Kb / 16P
Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
HDSP-2131 BOARDCOM-HDSP-2131 Datasheet
859Kb / 18P
Eight-Character 5.0-mm (0.2-in.) Glass/Ceramic Intelligent 5 횞 7 Alphanumeric Displays for Military Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com