Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6326-22D Datasheet (PDF) - NXP Semiconductors

MAX6326-22D Datasheet PDF - NXP Semiconductors
Part # MAX6326-22D
Download  MAX6326-22D Download
File Size   95.71 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3-pin ultra-low power SC70/SOT microprocessor reset circuit

MAX6326-22D Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6326-22D Datasheet PDF - NXP Semiconductors

Part # MAX6326-22D
Download  MAX6326-22D Click to download

File Size   95.71 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3-pin ultra-low power SC70/SOT microprocessor reset circuit

MAX6326-22D Datasheet (HTML) - NXP Semiconductors


MAX6326-22D Product details

DESCRIPTION
The MAX6326/MAX6327//MAX6328/MAX6346/MAX6347/MAX6348 microprocessor (µP) reset circuits monitor power supplies in µP and digital systems. These devices eliminate external components and adjustments while providing excellent circuit reliability and low cost solution. They are used to monitor 2.5 V, 3 V, 3.3 V and 5 V power supplies.

FEATURES
• Ultra-low 1 µA (max) supply current
• Precision monitoring of 2.5 V, 3 V, 3.3 V, and 5 V power supply voltages
• Reset thresholds available from 2.2 V to 4.63 V
• Fully specified over temperature –40 °C to +85 °C
• 100 ms (min) power-on-reset delay time
• Power transient immunity
• Available in three versions: Push-Pull RESET, Push-Pull RESET, and Open-Drain RESET
• Pin compatible with MAX803/MAX809/MAX810
• Small, low cost, 3-pin SC70/SOT23 packages

APPLICATIONS
• Computers and controllers
• Power monitoring
• Portable/battery powered equipment
• Industrial equipment




Similar Part No. - MAX6326-22D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326-T MAXIM-MAX6326-T Datasheet
179Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results


Similar Description - MAX6326-22D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
V6340 EMMICRO-V6340 Datasheet
1Mb / 8P
Ultra Low Cost 3-Pin Microprocessor Reset
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com