Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-336J Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-336J Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-336J
Download  ACPL-336J Download
File Size   825.67 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Rail-to-rail output voltage

ACPL-336J Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-336J Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-336J
Download  ACPL-336J Click to download

File Size   825.67 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Rail-to-rail output voltage

ACPL-336J Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-336J Product details

Description
Avago’s ACPL-336J gate drive optocoupler features fast propagation delay with excellent timing skew performance. Smart features that are integrated to protect the IGBT include IGBT desaturation detection with softshutdown protection and fault feedback, undervoltage lockout and feedback, and active Miller current clamping. This full-featured and easy-to-implement IGBT gate drive optocoupler comes in a compact, surface-mountable SO-16 package for space-savings. It is suitable for driving IGBTs and power MOSFETs used in motor control and inverter applications.

Features
• 2.5 A maximum peak output current
• Rail-to-rail output voltage
• 2.5 A Miller Clamp
• Integrated fail-safe IGBT protection
    - Desaturation detection, “Soft” IGBT turn-off and fault feedback
    - UnderVoltage LockOut (UVLO) Protection with feedback
• Integrated input LED driver
• 250 ns maximum propagation delay over temperature
• 30 kV/µs minimum Common Mode Rejection (CMR) at VCM = 1500 V
• Wide operating voltage: 15 V to 30 V
• Wide operating temperature range: -40 °C to 105 °C
• SO-16 package with 8 mm clearance and creepage
• Regulatory approvals:
    – UL 1577, VISO = 5000 VRMS for 1 min
    – CSA
    – IEC/EN/DIN EN 60747-5-5 VIORM = 1414 VPEAK

Applications
• Isolated IGBT/Power MOSFET gate drive
• Renewable energy inverters
• AC and brushless DC motor drives
• Industrial Inverters
• Switching power supplies




Similar Part No. - ACPL-336J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-330J AVAGO-ACPL-330J Datasheet
302Kb / 22P
Fault Feedback, Active Miller Clamp and Auto-Fault Reset
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-332J AVAGO-ACPL-332J Datasheet
299Kb / 23P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
More results


Similar Description - ACPL-336J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
Output Rail-to-Rail
logo
Texas Instruments
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
Rail-to-Rail Output
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
Rail-to-rail output voltage
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
Rail-to-rail output voltage
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
Rail-to-rail output
Rev. G
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
Rail-to-rail output voltage
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
Rail-to-rail output voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com