Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-38JT Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-38JT Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-38JT
Download  ACPL-38JT Download
File Size   561.81 Kbytes
Page   33 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 2.5 A maximum peak output current

ACPL-38JT Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-38JT Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-38JT
Download  ACPL-38JT Click to download

File Size   561.81 Kbytes
Page   33 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 2.5 A maximum peak output current

ACPL-38JT Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-38JT Product details

Description
Avago’s automotive 2.5 Amp Gate Drive Optocoupler with Integrated Desaturation (VCE) Detection and Fault Status Feedback makes automotive IGBT VCE fault protection compact, affordable, and easy-to-implement while satisfying automotive AEC-Q100 Grade 1 semiconductor requirement.

Features
• 2.5 A maximum peak output current
• Drive IGBTs up to IC = 150 A, VCE = 1200 V
• Optically isolated, FAULT status feedback
• SO-16 package
• CMOS/TTL compatible
• 500 ns max. switching speeds
• “Soft” IGBT turn-off
• Integrated fail-safe IGBT protection
    – Desat (VCE) detection
    – Under Voltage Lock-Out protection (UVLO) with hysteresis
• User configurable: inverting, noninverting, auto-reset, auto-shutdown
• Wide operating VCC range: 15 to 30 Volts
• -40°C to +125°C operating temperature range
• 15 kV/s min. Common Mode Rejection (CMR) at VCM = 1500 V
• Qualified to AEC-Q100 Grade 1 Test Guidelines
• Regulatory approvals:
    – UL1577, CSA
    – IEC/EN/DIN EN 60747-5-5

Applications
• Automotive Isolated IGBT/MOSFET Inverter gate drive
• Automotive DC-DC Converter
• AC and brushless dc motor drives
• Industrial inverters for power supplies and motor controls
• Un-interruptible Power Supp




Similar Part No. - ACPL-38JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
More results


Similar Description - ACPL-38JT

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
0.6A maximum peak output current 0.5 A minimum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
2.5A Maximum Peak Output Current
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
2.5A Maximum Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
5.0 A maximum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
2.0 A minimum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
Peak output current: 2.5 A maximum
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
1.0A maximum peak output current
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
1.0A maximum peak output current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com