Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0723 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-0723 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-0723
Download  HCPL-0723 Download
File Size   229.18 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 50 MBd 2 ns PWD High Speed CMOS Optocoupler

HCPL-0723 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-0723 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0723
Download  HCPL-0723 Click to download

File Size   229.18 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 50 MBd 2 ns PWD High Speed CMOS Optocoupler

HCPL-0723 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-0723 Product details

Description

Available in either 8-pin DIP or SO-8 package style respectively, the HCPL-7723 or HCPL-0723 optocoupler utilize the latest CMOS IC technology to achieve outstanding speed performance of minimum 50 MBd data rate and 2 ns maximum pulse width distortion.



Features

• +5 V CMOS compatibility

• High speed: 50 MBd min.

• 2 ns max. pulse width distortion

• 22 ns max. prop. delay

• 16 ns max. prop. delay skew

• 10 kV/µs min. common mode rejection

• –40 to 85°C temperature range

• Safety and regulatory approvals:

   UL recognized

      – 5000 Vrms for 1 min. per UL1577 for HCPL-7723 for option 020

      – 3750 Vrms for 1 min. per UL1577 for HCPL-0723 CSA component acceptance notice #5 IEC/EN/DIN EN 60747-5-5

      – Viorm = 630 Vpeak for HCPL-7723 option 060

      – Viorm = 567 Vpeak for HCPL-0723 option 060



Applications

• Digital fieldbus isolation: CC-Link, DeviceNet, Profibus, SDS, Isolated A/D or D/A conversion

• Multiplexed data transmission

• High speed digital input/output

• Computer peripheral interface

• Microprocessor system interface



 




Similar Part No. - HCPL-0723

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0723 HP-HCPL-0723 Datasheet
249Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0723-060 HP-HCPL-0723-060 Datasheet
249Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-060 AVAGO-HCPL-0723-060 Datasheet
196Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0723-060E AVAGO-HCPL-0723-060E Datasheet
196Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results


Similar Description - HCPL-0723

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7723 HP-HCPL-7723 Datasheet
249Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
High Speed Optocoupler, 10 Mbd
07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
High Speed Optocoupler, 10 MBd
06-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
High Speed Optocoupler, Dual, 5 MBd
26-Oct-04
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
Vishay Siliconix
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com