Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-3263 Datasheet (PDF) - Stanford Microdevices

SGA-3263 Datasheet PDF - Stanford Microdevices
Part # SGA-3263
Download  SGA-3263 Download
File Size   258.96 Kbytes
Page   4 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-5500 MHz, CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-3263 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA-3263 Datasheet PDF - Stanford Microdevices

Part # SGA-3263
Download  SGA-3263 Click to download

File Size   258.96 Kbytes
Page   4 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-5500 MHz, CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-3263 Datasheet (HTML) - Stanford Microdevices


SGA-3263 Product details

Product Description
Stanford Microdevices SGA-3263 is a high performance SiGe HBT MMIC Amplifier. A Darlington configuration featuring 1 micron emitters provides high FT and excellent thermal perfomance. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction nonlinearities results in higher suppression of intermodulation products.

Product Features
• High Gain : 13.6 dB at 1950 MHz
• Cascadable 50 Ohm
• Patented SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package

Applications
• Cellular, PCS, CDPD
• Wireless Data, SONET
• Satellite




Similar Part No. - SGA-3263

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-3263 SIRENZA-SGA-3263 Datasheet
254Kb / 5P
DC-5500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3263Z SIRENZA-SGA-3263Z Datasheet
254Kb / 5P
DC-5500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Similar Description - SGA-3263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-6286 ETC-SGA-6286 Datasheet
308Kb / 4P
DC 5500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-3363 STANFORD-SGA-3363 Datasheet
238Kb / 4P
DC-5500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-2163 SIRENZA-SGA-2163 Datasheet
254Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3263 SIRENZA-SGA-3263 Datasheet
254Kb / 5P
DC-5500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3363 SIRENZA-SGA-3363 Datasheet
255Kb / 5P
DC-5500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6286 SIRENZA-SGA-6286 Datasheet
98Kb / 4P
DC-5500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2286 SIRENZA-SGA-2286 Datasheet
90Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com