Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3002 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM3002 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM3002
Download  MM3002 Download
File Size   136.13 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description CMOS Operational Amplifier (Single)

MM3002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3002 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM3002
Download  MM3002 Click to download

File Size   136.13 Kbytes
Page   6 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description CMOS Operational Amplifier (Single)

MM3002 Datasheet (HTML) - Mitsumi Electronics, Corp.


MM3002 Product details

Outline
This IC is a CMOS (Single) operating amp for which input/output voltage both can be used up to the power supply voltage. Further, low offset voltage, low drift and low consumption current have been achieved. The package is the ultra-small SOT-25.

Features
(1) Input voltage range (VDD=3V) -0.1V~VDD+0.1V typ.
(2) Output voltage range (VDD=3V) 0.03V~2.97V typ.
(3) Input offset voltage 1mV typ.
(4) Input offset voltage temperature drift 5µV/°C typ.
(5) Input bias current 5pA typ.
(6) Consumption current 120µA typ.
(7) Output current ±5mA typ.
(8) Through rate 0.6V/µS

Applications
(1) Communication equipment (mobile telephones, cordless telephones, etc.)
(2) Computers and computer peripherals (notebook PCs, mini PCs, PDA, digital cameras, printers, scanners, etc.)
(3) AV equipment (movies, CD players, MD players, etc.)
(4) Other (navigation equipment, measurement equipment, handy terminals, etc.)




Similar Part No. - MM3002

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MM3002 CENTRAL-MM3002 Datasheet
56Kb / 1P
Small Signal Transistors
More results


Similar Description - MM3002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
Precision CMOS Single Operational Amplifier
logo
Renesas Technology Corp
HA1630S08 RENESAS-HA1630S08 Datasheet
286Kb / 15P
Single CMOS High Drive Operational Amplifier
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
Precision CMOS Single Operational Amplifier
logo
Renesas Technology Corp
HA1630S04 RENESAS-HA1630S04 Datasheet
525Kb / 25P
CMOS Single Operational Amplifier
logo
National Semiconductor ...
LMC6041 NSC-LMC6041_14 Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
logo
Renesas Technology Corp
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
Single CMOS High Drive Operational Amplifier
logo
Texas Instruments
LMC6041 TI1-LMC6041 Datasheet
1Mb / 23P
CMOS Single Micropower Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com