Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C1450 Datasheet (PDF) - Exar Corporation

ST16C1450 Datasheet PDF - Exar Corporation
Part # ST16C1450
Download  ST16C1450 Download
File Size   355.22 Kbytes
Page   32 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V UART

ST16C1450 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C1450 Datasheet PDF - Exar Corporation

Part # ST16C1450
Download  ST16C1450 Click to download

File Size   355.22 Kbytes
Page   32 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V UART

ST16C1450 Datasheet (HTML) - Exar Corporation


ST16C1450 Product details

GENERAL DESCRIPTION
The ST16C1450, ST16C1451 series (here on denoted as the 145X) is a universal asynchronous receiver and transmitter (UART). The 145X is foot print compatible to the SSI 73M1550 and SSI 73M2550 UART with one byte FIFO and higher operating speed and lower access time. The 145X provides enhanced UART functions with a modem control interface, independent programmable baud rate generators with clock rates to 1.5 Mbps. Onboard status registers provide the user with error indications and operational status. System interrupts and modem control features may be tailored by external software to meet specific user requirements.

FEATURES
 • Pin and functionally compatible to SSI 73M1550/2550
 • 1 byte Transmit FIFO (THR)
 • 1 byte Receive FIFO with error tags (RHR)
 • Four levels of prioritized interrupts
 • Modem Control Signals (CTS#, RTS#, DSR#, DTR#, RI#, CD#)
 • Programmable character lengths (5, 6, 7, 8) with even, odd or no parity
 • Crystal or external clock input (except 28 pin ST16C1451, external clock only)
 • 1.5 Mbps Transmit/Receive operation (24 MHz) with programmable clock control
 • Power Down Mode (50 uA at 3.3 V, 200 uA at 5 V)
 • Software controllable reset output
 • 2.97 to 5.5 Volt operation

APPLICATIONS
 • Battery Operated Electronics
 • Internet Appliances
 • Handheld Terminal
 • Personal Digital Assistants
 • Cellular Phones DataPort




Similar Part No. - ST16C1450

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450 Datasheet
614Kb / 28P
2.97V TO 5.5V UART
ST16C1450CJ28 EXAR-ST16C1450CJ28 Datasheet
614Kb / 28P
2.97V TO 5.5V UART
ST16C1450CQ48 EXAR-ST16C1450CQ48 Datasheet
614Kb / 28P
2.97V TO 5.5V UART
ST16C1450IJ28 EXAR-ST16C1450IJ28 Datasheet
614Kb / 28P
2.97V TO 5.5V UART
ST16C1450IQ48 EXAR-ST16C1450IQ48 Datasheet
614Kb / 28P
2.97V TO 5.5V UART
More results


Similar Description - ST16C1450

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
2.97V TO 5.5V UART
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com