Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3891 Datasheet (PDF) - Vishay Siliconix

1N3891 Datasheet PDF - Vishay Siliconix
Part # 1N3891
Download  1N3891 Download

File Size   140.0 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Stud Version), 6 A, 12 A

1N3891 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3891 Datasheet PDF - Vishay Siliconix

Part # 1N3891
Download  1N3891 Click to download

File Size   140.0 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Stud Version), 6 A, 12 A

1N3891 Datasheet (HTML) - Vishay Siliconix

1N3891 Datasheet HTML 1Page - Vishay Siliconix 1N3891 Datasheet HTML 2Page - Vishay Siliconix 1N3891 Datasheet HTML 3Page - Vishay Siliconix 1N3891 Datasheet HTML 4Page - Vishay Siliconix 1N3891 Datasheet HTML 5Page - Vishay Siliconix 1N3891 Datasheet HTML 6Page - Vishay Siliconix 1N3891 Datasheet HTML 7Page - Vishay Siliconix 1N3891 Datasheet HTML 8Page - Vishay Siliconix 1N3891 Datasheet HTML 9Page - Vishay Siliconix



Similar Part No. - 1N3891

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3891 MICROSEMI-1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
International Rectifier
1N3891 IRF-1N3891 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
GeneSiC Semiconductor, ...
1N3891 GENESIC-1N3891 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
Vishay Siliconix
1N3891 VISHAY-1N3891 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results


Similar Description - 1N3891

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
1N3879 VISHAY-1N3879_12 Datasheet
2Mb / 13P
   Fast Recovery Diodes (Stud Version), 6/12/16 A
Revision: 26-Sep-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com