Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-SD700CL Datasheet (PDF) - Vishay Siliconix

VS-SD700CL Datasheet PDF - Vishay Siliconix
Part # VS-SD700CL
Download  VS-SD700CL Download
File Size   156.91 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Hockey PUK Version), 700 A

VS-SD700CL Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-SD700CL Datasheet PDF - Vishay Siliconix

Part # VS-SD700CL
Download  VS-SD700CL Click to download

File Size   156.91 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Hockey PUK Version), 700 A

VS-SD700CL Datasheet (HTML) - Vishay Siliconix


VS-SD700CL Product details

• Wide current range
• High voltage ratings up to 4500 V
• High surge current capabilities
• Diffused junction
• Hockey PUK version
• Case style DO-200AB (B-PUK)




Similar Part No. - VS-SD700CL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD700CL VISHAY-VS-SD700CL Datasheet
186Kb / 7P
Standard Recovery Diodes, (Hockey PUK Version), 700 A
27-Oct-2021
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
Standard Recovery Diodes, (Hockey PUK Version), 700 A
27-Oct-2021
More results


Similar Description - VS-SD700CL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
Standard Recovery Diodes (Hockey PUK Version), 700 A
14-May-08
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 700/790 A
14-May-08
SD700C30L VISHAY-SD700C30L_12 Datasheet
138Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 700 A
14-May-08
SD703C12S20L VISHAY-SD703C12S20L_12 Datasheet
541Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 700/790 A
14-May-08
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
Standard Recovery Diodes, (Hockey PUK Version), 700 A
27-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com