Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF2-12V Datasheet (PDF) - Nais(Matsushita Electric Works)

TF2-12V Datasheet PDF - Nais(Matsushita Electric Works)
Part # TF2-12V
Download  TF2-12V Download
File Size   86.74 Kbytes
Page   5 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description SMALL POLARIZED RELAY WITH HIGH SENSITIVITY

TF2-12V Datasheet (PDF)

Go To PDF Page Download Datasheet
TF2-12V Datasheet PDF - Nais(Matsushita Electric Works)

Part # TF2-12V
Download  TF2-12V Click to download

File Size   86.74 Kbytes
Page   5 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description SMALL POLARIZED RELAY WITH HIGH SENSITIVITY

TF2-12V Datasheet (HTML) - Nais(Matsushita Electric Works)


TF2-12V Product details

TF-RELAYS SMALL POLARIZED RELAY WITH HIGH SENSITIVITY

FEATURES
• High sensitivity:
  80 mW Nominal operating power (Single side stable 3-12 V type)
• Surge voltage withstand: 1500 V FCC Part 68
• Minimal magnetic interference allows high density mounting
• Sealed construction allows automatic cleaning
• Self-clinching terminal also available




Similar Part No. - TF2-12V

ManufacturerPart #DatasheetDescription
logo
C&K Components
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
593Kb / 6P
Mid Size Snap-acting Switches
4 Jul 22
logo
ABB
TF200 ABB-TF200 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
Rhombus Industries Inc.
TF200-10 RHOMBUS-IND-TF200-10 Datasheet
32Kb / 1P
TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF200-10 RHOMBUS-IND-TF200-10 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
More results


Similar Description - TF2-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
S2EB-12 NAIS-S2EB-12 Datasheet
85Kb / 4P
4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Nais(Matsushita Electri...
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
MICROMINIATURE POLARIZED RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com