Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKJS209 Datasheet (PDF) - Vishay Siliconix

VS-VSKJS209 Datasheet PDF - Vishay Siliconix
Part # VS-VSKJS209
Download  VS-VSKJS209 Download
File Size   157.12 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A

VS-VSKJS209 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSKJS209 Datasheet PDF - Vishay Siliconix

Part # VS-VSKJS209
Download  VS-VSKJS209 Click to download

File Size   157.12 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A

VS-VSKJS209 Datasheet (HTML) - Vishay Siliconix


VS-VSKJS209 Product details

• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL approved file E78996
• Designed and qualified for industrial level




Similar Part No. - VS-VSKJS209

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKJS209 VISHAY-VS-VSKJS209 Datasheet
157Kb / 6P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
03-May-17
VS-VSKJS209-150 VISHAY-VS-VSKJS209-150 Datasheet
157Kb / 6P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
03-May-17
VS-VSKJS209 VISHAY-VS-VSKJS209_V01 Datasheet
157Kb / 6P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 200 A
03-May-17
More results


Similar Description - VS-VSKJS209

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKCS200 VISHAY-VS-VSKCS200 Datasheet
178Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
17-Jun-14
VS-VSKCS201 VISHAY-VS-VSKCS201 Datasheet
756Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
VS-VSKCS203 VISHAY-VS-VSKCS203 Datasheet
761Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
VS-VSKCS209 VISHAY-VS-VSKCS209 Datasheet
875Kb / 6P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
VS-VSKCS220 VISHAY-VS-VSKCS220 Datasheet
926Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
28-Sep-15
VS-VSKDS400 VISHAY-VS-VSKDS400 Datasheet
143Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
14-Mar-14
VS-VSKDS401 VISHAY-VS-VSKDS401 Datasheet
145Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
29-Sep-15
VS-VSKDS403 VISHAY-VS-VSKDS403 Datasheet
143Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
17-Apr-14
VS-VSKDS409 VISHAY-VS-VSKDS409 Datasheet
136Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
19-Mar-14
VS-VSKJS203 VISHAY-VS-VSKJS203 Datasheet
177Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
19-Mar-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com