Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE2401L Datasheet (PDF) - List of Unclassifed Manufacturers

XE2401L Datasheet PDF - List of Unclassifed Manufacturers
Part # XE2401L
Download  XE2401L Download
File Size   80.04 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2400bps Serial Input Component Modem

XE2401L Datasheet (PDF)

Go To PDF Page Download Datasheet
XE2401L Datasheet PDF - List of Unclassifed Manufacturers

Part # XE2401L
Download  XE2401L Click to download

File Size   80.04 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2400bps Serial Input Component Modem

XE2401L Datasheet (HTML) - List of Unclassifed Manufacturers


XE2401L Product details

[Xecom]

Description
Xecoms XE2401L component modem is a complete 2400 bps data modem. Its compact size and TTL level, serial interface allows for quick integration into virtually any new or existing design.

Features
• Small Size 1.08” x 2.28” x 0.42”,
• FCC Part 68 Registered, user transferable
• Data Transfer at 2400, 1200 and 300 bps
• Supported Protocols:
    - CCITT V.22bis, V.22, V.21
    - Bell 212A, 103
• TTL serial interface interfaces with industry standard UART’s
• Single +5v supply
• Modem control with Industry standard “AT” command set
• Standard package allows easy upgrades to Fax (XE9624F) and 9600 bps (XE9601) operation




Similar Part No. - XE2401L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2420 ETC-XE2420 Datasheet
84Kb / 16P
2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420-ITR ETC-XE2420-ITR Datasheet
84Kb / 16P
2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
Smallest World-Wide 2400 BPS Modem
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
Low-Cost, 2400 BPS Surface-Mount Modem
logo
Rohm
XE2436 ROHM-XE2436 Datasheet
3Mb / 17P
AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
Rev.001
More results


Similar Description - XE2401L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1214B5 ETC-XE1214B5 Datasheet
117Kb / 12P
1200bps Component Modem
logo
Synaptics Incorporated.
CX81801 CONEXANT-CX81801 Datasheet
219Kb / 2P
Serial/Parallel Modem with 3rd
logo
Murata Manufacturing Co...
ZN-241G MURATA-ZN-241G Datasheet
177Kb / 3P
General Purpose Wireless Serial Modem
logo
Cooper Bussmann, Inc.
915U-D COOPER-915U-D Datasheet
98Kb / 3P
915U-D Wireless Serial Modem
805U-D COOPER-805U-D Datasheet
89Kb / 3P
805U-D Wireless Serial Modem
455U-D-H COOPER-455U-D-H Datasheet
365Kb / 3P
455U-D Wireless Serial Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
19200 baud serial wireless modem
logo
PHOENIX CONTACT
104460 PHOENIX-104460 Datasheet
285Kb / 9P
PSI-MODEM-SHDSL/SERIAL
logo
Advantech Co., Ltd.
9PMDS ADVANTECH-9PMDS Datasheet
441Kb / 1P
Serial Modem Data Splitters
logo
PHOENIX CONTACT
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com