Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD45P04-16P Datasheet (PDF) - Vishay Siliconix

SUD45P04-16P Datasheet PDF - Vishay Siliconix
Part # SUD45P04-16P
Download  SUD45P04-16P Download
File Size   156.31 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 40 V (D-S) MOSFET

SUD45P04-16P Datasheet (PDF)

Go To PDF Page Download Datasheet
SUD45P04-16P Datasheet PDF - Vishay Siliconix

Part # SUD45P04-16P
Download  SUD45P04-16P Click to download

File Size   156.31 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 40 V (D-S) MOSFET

SUD45P04-16P Datasheet (HTML) - Vishay Siliconix


SUD45P04-16P Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SUD45P04-16P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD45P03-09 VISHAY-SUD45P03-09 Datasheet
159Kb / 8P
P-Channel 30 V (D-S) MOSFET
22-Feb-10
logo
Inchange Semiconductor ...
SUD45P03-09 ISC-SUD45P03-09 Datasheet
308Kb / 2P
isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SUD45P03-09-GE3 VBSEMI-SUD45P03-09-GE3 Datasheet
921Kb / 8P
P-Channel 30 V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
SUD45P03-09-GE3 BYCHIP-SUD45P03-09-GE3 Datasheet
1Mb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
logo
Vishay Siliconix
SUD45P03-10 VISHAY-SUD45P03-10 Datasheet
41Kb / 4P
P-Channel 30-V 150C MOSFET
21-Nov-00
More results


Similar Description - SUD45P04-16P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
P-Channel 40-V (D-S) MOSFET
21-Jan-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
P-Channel 40-V (D-S) MOSFET
02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
P-Channel 40 V (D-S) MOSFET
31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
P-Channel 40-V (D-S) MOSFET
21-Apr-08
logo
VBsemi Electronics Co.,...
SPP9527WS8RGB VBSEMI-SPP9527WS8RGB Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSG4841P VBSEMI-SSG4841P Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSM9563GM VBSEMI-SSM9563GM Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com