Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOL3120 Datasheet (PDF) - Vishay Siliconix

VOL3120 Datasheet PDF - Vishay Siliconix
Part # VOL3120
Download  VOL3120 Download
File Size   155.69 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Profile, 2.5 A Output Current IGBT and MOSFET Driver

VOL3120 Datasheet (PDF)

Go To PDF Page Download Datasheet
VOL3120 Datasheet PDF - Vishay Siliconix

Part # VOL3120
Download  VOL3120 Click to download

File Size   155.69 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Profile, 2.5 A Output Current IGBT and MOSFET Driver

VOL3120 Datasheet (HTML) - Vishay Siliconix


VOL3120 Product details

• Industrial temperature range: -40 °C to +100 °C
• 2.5 mm low profile package
• Rated for reinforced insulation
• 2.5 A minimum peak output current
• 48 kV/μs minimum common mode rejection
(CMR) at VCM = 1500 V
• ICC = 2.5 mA maximum supply current
• Under voltage lock-out (UVLO) with hysteresis
• Wide operating VCC range: 15 V to 32 V
• Floor life: unlimited, MSL 1, according to J-STD-020




Similar Part No. - VOL3120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL3120 VISHAY-VOL3120 Datasheet
173Kb / 10P
Low Profile, 2.5 A Output Current IGBT and MOSFET Driver
10-Aug-2022
VOL3120-X001T VISHAY-VOL3120-X001T Datasheet
173Kb / 10P
Low Profile, 2.5 A Output Current IGBT and MOSFET Driver
10-Aug-2022
VOL3120 VISHAY-VOL3120_V01 Datasheet
173Kb / 10P
Low Profile, 2.5 A Output Current IGBT and MOSFET Driver
10-Aug-2022
More results


Similar Description - VOL3120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3120 VISHAY-VO3120 Datasheet
180Kb / 10P
2.5 A Output Current IGBT and MOSFET Driver
15-Mar-11
VO3150A VISHAY-VO3150A Datasheet
1Mb / 10P
0.5 A Output Current IGBT and MOSFET Driver
14-Jan-10
VOW3120 VISHAY-VOW3120 Datasheet
200Kb / 12P
Widebody 2.5 A IGBT and MOSFET Driver
26-Sep-16
VO3120 VISHAY-VO3120_12 Datasheet
187Kb / 10P
2.5 A Output Current IGBT and MOSFET Driver
19-Oct-12
VOD3120AB VISHAY-VOD3120AB Datasheet
208Kb / 13P
2.5 A Output Current IGBT and MOSFET Driver
28-Jan-2019
VO3120 VISHAY-VO3120_V01 Datasheet
184Kb / 10P
2.5 A Output Current IGBT and MOSFET Driver
19-Oct-12
VO3150A VISHAY-VO3150A_V01 Datasheet
1,021Kb / 10P
0.5 A Output Current IGBT and MOSFET Driver
14-Jan-10
VOD3120AG VISHAY-VOD3120AG_V01 Datasheet
223Kb / 13P
2.5 A Output Current IGBT and MOSFET DriverS
28-Jul-2022
VOL3120 VISHAY-VOL3120_V01 Datasheet
173Kb / 10P
Low Profile, 2.5 A Output Current IGBT and MOSFET Driver
10-Aug-2022
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
Widebody 2.5 A IGBT and MOSFET Driver
26-Sep-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com