Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVALPM8803-FWD Datasheet (PDF) - STMicroelectronics

EVALPM8803-FWD Datasheet PDF - STMicroelectronics
Part # EVALPM8803-FWD
Download  EVALPM8803-FWD Download
File Size   303.11 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Data pass-through for the ethernet data

EVALPM8803-FWD Datasheet (PDF)

Go To PDF Page Download Datasheet
EVALPM8803-FWD Datasheet PDF - STMicroelectronics

Part # EVALPM8803-FWD
Download  EVALPM8803-FWD Click to download

File Size   303.11 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Data pass-through for the ethernet data

EVALPM8803-FWD Datasheet (HTML) - STMicroelectronics


EVALPM8803-FWD Product details

Description
The EVALPM8803-FWD is a demonstration board implementing an IEEE802.3at compatible interface together with a self driven synchronous active clamp forward converter based on PM8803. The board is designed to work up to 30 W, and with minimal changes the output voltage can be selected either 5 V or 3.3 V. For sake of flexibility, alternative footprint have been foreseen tor the main component (MOS, transformer, etc.). It is possible to connect auxiliary sources to one of the 2 jacks in the EVALPM8803-FWD like in real application design. In one case thanks to the PM8803 feature, prevalence of the auxiliary source can be guaranteed. Three LEDs give indication of: – the converter is running – an external auxiliary source is connected to the board – a type 2 PSE is connected to the board. EVALPM8803-FWD

Features
■ EEE 802.3at compliant
■ Support for Gigabit Ethernet
■ Data pass-through for the ethernet data
■ Works with power supplied from Ethernet LAN cables or from local auxiliary sources
■ Successful IEEE802.3at Layer1 classification indicator
■ Single output 3.3 V/5 V
■ 90+% converter efficiency
■ Board size 10x13 cm




Similar Part No. - EVALPM8803-FWD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALPM8803-FLY STMICROELECTRONICS-EVALPM8803-FLY Datasheet
263Kb / 5P
EVALPM8803-FLY: IEEE802.3at compliant demonstration kit with synchronous flyback PoE converter
11-Apr-2011
More results


Similar Description - EVALPM8803-FWD

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1565 EPSON-SED1565 Datasheet
338Kb / 87P
Direct display of RAM data through the display data RAM
logo
Fairchild Semiconductor
RC1587 FAIRCHILD-RC1587 Datasheet
333Kb / 4P
Power Conversion for the Data Communications Market
logo
Motorola, Inc
MC145414 MOTOROLA-MC145414 Datasheet
57Kb / 1P
DUAL TUNALBLE LOW PASS SAMPLED DATA FILTERS
AN1062 MOTOROLA-AN1062 Datasheet
609Kb / 11P
Using the QSPI for Analog Data Acquisition
logo
ON Semiconductor
TND307 ONSEMI-TND307 Datasheet
78Kb / 8P
Graphical Data Test Circuits for the NCP1650
March, 2002 ??Rev.0
logo
Bothhand USA, LP.
TS7010C BOTHHAND-TS7010C Datasheet
191Kb / 1P
10 BASE SMD ETHERNET TRANSFORMER FOR DATA COMMUNICATION APPLICATION
logo
Intel Corporation
82599 INTEL-82599_10 Datasheet
358Kb / 4P
Transforming the data center through a reliable and unified 10GbE network
logo
STMicroelectronics
AN588 STMICROELECTRONICS-AN588 Datasheet
222Kb / 12P
Destined for the protection of data transmission lines
03-Jun-2004
logo
Xilinx, Inc
DS402 XILINX-DS402 Datasheet
375Kb / 9P
Daisy-chain connections for the DCR data bus
logo
ATMEL Corporation
ABOT-0004 ATMEL-ABOT-0004 Datasheet
2Mb / 13P
The guide for assembling the Abot robot chassisIncluding the basic data
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com