Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2018 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

2SA2018 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # 2SA2018
Download  2SA2018 Download
File Size   169.72 Kbytes
Page   4 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description LOW FREQUENCY TRANSISTOR

2SA2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2018 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # 2SA2018
Download  2SA2018 Click to download

File Size   169.72 Kbytes
Page   4 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description LOW FREQUENCY TRANSISTOR

2SA2018 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


2SA2018 Product details

FEATURES
● A collceter current is large.
● Collecter saturation voltage is low.
    VCE(sat)≤250mV At IC=-200mA/IB=-10mA

APPLICATIONS
● For switching,for muting.




Similar Part No. - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
145Kb / 3P
Low frequency transistor
logo
Weitron Technology
2SA2018 WEITRON-2SA2018 Datasheet
181Kb / 3P
PNP Genera Purpose Transistors
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
1Mb / 12P
Low frequency transistor(-12V, -500mA)
More results


Similar Description - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
Low-frequency transistor
logo
Guangdong Kexin Industr...
2SB1197K KEXIN-2SB1197K Datasheet
39Kb / 1P
Low Frequency Transistor
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
Low Frequency Transistor
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
Low frequency transistor
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
Low frequency transistor
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
Low Frequency Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com