Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5164 Datasheet (PDF) - Intersil Corporation

EL5164 Datasheet PDF - Intersil Corporation
Part # EL5164
Download  EL5164 Download
File Size   411.76 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600MHz Current Feedback Amplifiers with Enable

EL5164 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5164 Datasheet PDF - Intersil Corporation

Part # EL5164
Download  EL5164 Click to download

File Size   411.76 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 600MHz Current Feedback Amplifiers with Enable

EL5164 Datasheet (HTML) - Intersil Corporation


EL5164 Product details

The EL5164, EL5165, and EL5364 are current feedback amplifiers with a very high bandwidth of 600MHz. This makes these amplifiers ideal for today’s high speed video and monitor applications.

Features
• 600MHz -3dB bandwidth
• 4700V/µs slew rate
• 5mA supply current
• Single and dual supply operation, from 5V to 12V supply span
• Fast enable/disable (EL5164 & EL5364 only)
• Available in SOT-23 packages
• Dual (EL5264 & EL5265) and triple (EL5362 & EL5363) also available
• High speed, 1GHz product available (EL5166 & EL5167)
• 300MHz product available (EL5162 family)
• Pb-Free plus anneal available (RoHS compliant)

Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5164

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5164 INTERSIL-EL5164 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164IS INTERSIL-EL5164IS Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5164IS INTERSIL-EL5164IS Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
More results


Similar Description - EL5164

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
600MHz Current Feedback Amplifier with Enable
August 3, 2005
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
March 9, 2006
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
600MHz Current Feedback Amplifiers with Enable
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
600MHz Current Feedback Amplifier with Enable
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com