Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13150 Datasheet (PDF) - Hitachi Semiconductor

HA13150 Datasheet PDF - Hitachi Semiconductor
Part # HA13150
Download  HA13150 Download
File Size   213.41 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 21W X 4 CHANNEL BTL POWER IC

HA13150 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13150 Datasheet PDF - Hitachi Semiconductor

Part # HA13150
Download  HA13150 Click to download

File Size   213.41 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 21W X 4 CHANNEL BTL POWER IC

HA13150 Datasheet (HTML) - Hitachi Semiconductor


HA13150 Product details

Description
HA13150 is a four-channel BTL amplifier IC designed for car audio, featuring high output and low distortion, and applicable to digital audio equipment. It provides 21 W output per channel, with a 14.4V power supply and at 10% distortion.

Functions
•   Built-in standby circuit
•   Built-in muting circuit
•   Built-in protection circuits (surge, TSD, and ASO)

Features
•   Requires few external parts
•   Low distortion (total harmonic distortion = 0.01% at 3 W)
•   Low noise (at Rg = 620 Ω, noise is 0.15 mV (muting off) or 0.1 mV (muting on))
•   Popping noise minimized
•   Highly reliable current-limiting ASO protector keeps speakers safe from all kinds of trouble. Reliability is further enhanced by a fast-acting thermal shutdown protection circuit with on/off hysteresis.




Similar Part No. - HA13150

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13150 HITACHI-HA13150 Datasheet
86Kb / 15P
21 W X 4-Channel BTL Power IC
HA13150A HITACHI-HA13150A Datasheet
86Kb / 15P
21 W X 4-Channel BTL Power IC
HA13150A HITACHI-HA13150A Datasheet
84Kb / 13P
33 W ´ 4-Channel BTL Power IC
More results


Similar Description - HA13150

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13153A HITACHI-HA13153A Datasheet
85Kb / 21P
15 W X 4-Channel BTL Power IC
HA13155 HITACHI-HA13155 Datasheet
61Kb / 13P
33 W x 4-Channel BTL Power IC
HA13156 HITACHI-HA13156 Datasheet
84Kb / 18P
38 W x 4-Channel BTL Power IC
HA13159 HITACHI-HA13159 Datasheet
85Kb / 15P
37 W 횞 4-Channel BTL Power IC
HA13151 HITACHI-HA13151 Datasheet
147Kb / 24P
14 W X 4-Channel BTL Power IC
HA13150A HITACHI-HA13150A Datasheet
86Kb / 15P
21 W X 4-Channel BTL Power IC
logo
Toshiba Semiconductor
TB2903HQ TOSHIBA-TB2903HQ Datasheet
338Kb / 15P
Maximum Power 47W BTL x 4-ch Audio Power IC
TB2936HQ TOSHIBA-TB2936HQ Datasheet
477Kb / 20P
49 W x 4-ch BTL Audio Power IC
TCB001HQ TOSHIBA-TCB001HQ Datasheet
1Mb / 25P
Maximum Power 45W BTL x 4-ch Audio Power IC
logo
Hitachi Semiconductor
HA13157 HITACHI-HA13157 Datasheet
84Kb / 13P
33 W ´ 4-Channel BTL Power IC
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com