Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2404 Datasheet (PDF) - Intersil Corporation

HA-2404 Datasheet PDF - Intersil Corporation
Part # HA-2404
Download  HA-2404 Download

File Size   304.42 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40MHz, PRAM Four Channel Programmable Amplifiers

HA-2404 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2404 Datasheet PDF - Intersil Corporation

Part # HA-2404
Download  HA-2404 Click to download

File Size   304.42 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40MHz, PRAM Four Channel Programmable Amplifiers

HA-2404 Datasheet (HTML) - Intersil Corporation

HA-2404 Datasheet HTML 1Page - Intersil Corporation HA-2404 Datasheet HTML 2Page - Intersil Corporation HA-2404 Datasheet HTML 3Page - Intersil Corporation HA-2404 Datasheet HTML 4Page - Intersil Corporation HA-2404 Datasheet HTML 5Page - Intersil Corporation HA-2404 Datasheet HTML 6Page - Intersil Corporation HA-2404 Datasheet HTML 7Page - Intersil Corporation HA-2404 Datasheet HTML 8Page - Intersil Corporation

HA-2404 Product details

Description

THA-2400/04/05 comprise a series of four-channel programmable amplifiers providing a level of versatility

unsurpassed by any other monolithic operational amplifier. Versatility is achieved by employing four input amplifier channels, any one (or none) of which may be electronically selected and connected to a single output stage through DTL/TTL compatible address inputs.



Features

• Programmability

• High Rate Slew . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V/µs

• Wide Gain Bandwidth . . . . . . . . . . . . . . . . . . . . . 40MHz

• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150kV/V

• Low Offset Current . . . . . . . . . . . . . . . . . . . . . . . . . .5nA

• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 30MΩ

• Single Capacitor Compensation

• DTL/TTL Compatible Inputs



Applications

• Thousands of Applications; Program

- Signal Selection/Multiplexing

- Operational Amplifier Gain

- Oscillator Frequency

- Filter Characteristics

- Add-Subtract Functions

- Integrator Characteristics

- Comparator Levels




Similar Part No. - HA-2404

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
More results


Similar Description - HA-2404

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2400 INTERSIL-HA-2400 Datasheet
86Kb / 7P
   40MHz, PRAM Four Channel Programmable Amplifiers
November 1996
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Texas Instruments
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com