Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151012 Datasheet (PDF) - Hitachi Semiconductor

HD151012 Datasheet PDF - Hitachi Semiconductor
Part # HD151012
Download  HD151012 Download
File Size   78.26 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-bit Binary Programmable Counter with Synchronous Preset Enable

HD151012 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD151012 Datasheet PDF - Hitachi Semiconductor

Part # HD151012
Download  HD151012 Click to download

File Size   78.26 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-bit Binary Programmable Counter with Synchronous Preset Enable

HD151012 Datasheet (HTML) - Hitachi Semiconductor


HD151012 Product details

Description
The HD151012 has 8-bit binary down counter and D-type Flip Flop. The counter can set up to max 256 counts and synchronous preset (SPE) input can preset the data. When the count value is 0, the next clock pulse presets the data to invert the output. D-type Flip Flop takes the counter output as clock pulse, whose data is transferred to output at the rise edge. It is applied to generate AC signal for STN type liquid crystal and general-use divider.

Features
• High speed operation
    tpd (CLK or CLK to Q) = 35 ns (typ)
• High output current
    Fanout of 10 LS TTL Loads
• Wide operating voltage
    VCC = 2 to 6 V
• Low supply current (Ta = 25°C)
    ICC (Static) = 4 µA (max)




Similar Part No. - HD151012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151012 RENESAS-HD151012 Datasheet
218Kb / 14P
8-bit Binary Programmable Counter with Synchronous Preset Enable
HD151012TELL RENESAS-HD151012TELL Datasheet
218Kb / 14P
8-bit Binary Programmable Counter with Synchronous Preset Enable
More results


Similar Description - HD151012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
8-bit synchronous binary down counter
1998 Jul 08
logo
Hitachi Semiconductor
HD151011 HITACHI-HD151011 Datasheet
75Kb / 16P
Dual BCD Programmable Counter with Synchronous Preset Enable
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
8-bit synchronous binary down counter
logo
Renesas Technology Corp
HD151011 RENESAS-HD151011 Datasheet
140Kb / 14P
Dual BCD Programmable Counter with Synchronous Preset Enable
HD151012 RENESAS-HD151012 Datasheet
218Kb / 14P
8-bit Binary Programmable Counter with Synchronous Preset Enable
logo
ITE Tech.Inc.
IT7001M ITE-IT7001M Datasheet
218Kb / 24P
Programmable 8-Bit Binary Counter with Synchronous Preset Enable
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
8-Bit Synchronous Binary Up Counter
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com