Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA122V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA122V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA122V1
Download  STEVAL-ISA122V1 Download

File Size   248.71 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27

STEVAL-ISA122V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA122V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA122V1
Download  STEVAL-ISA122V1 Click to download

File Size   248.71 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27

STEVAL-ISA122V1 Datasheet (HTML) - STMicroelectronics

STEVAL-ISA122V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA122V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA122V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA122V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA122V1 Datasheet HTML 5Page - STMicroelectronics

STEVAL-ISA122V1 Product details

Description
The STEVAL-ISA122V1 demonstration board
meets the specifications of a wide range of
auxiliary power supplies for applications including
LCD or plasma TVs and desktop computers,
where the power supply that converts the energy
from the mains often includes two modules.
One module is the main power supply which
provides most of the power, and is off when the
application is shut down or in standby mode.
The other is the auxiliary power supply, which
only provides energy to specific parts of the
equipment such as the USB ports, remote
receivers, or modems, but stays on when the
application is in standby mode.
It is optimized for very low standby consumption,
which allows it to satisfy the most stringent
energy-saving requirements.
The VIPer27 has a switching frequency of 115
kHz, which helps to reduce the transformer size.

Features
■ Wide input voltage range (VIN): 90 to 265 Vrms
■ Nameplate output voltage (Vout): 5 V
■ Max output current IOUT: 2.2 A
■ Precision of output regulation: ±5%
■ High frequency output voltage ripple
(ΔVout_HF): 50 mV
■ Max ambient operating temperature (TA):
60 °C
■ RoHS compliant




Similar Part No. - STEVAL-ISA122V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
   Complies with EuP Lot 6 requirements
January 2013 Rev 1
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
   5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
June 2013 Rev 1
STEVAL-ISA126V1 STMICROELECTRONICS-STEVAL-ISA126V1 Datasheet
167Kb / 4P
   5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
December 2013 Rev 1
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
   16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
April 2013 Rev 1
More results


Similar Description - STEVAL-ISA122V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
   Wide range single-output demonstration board based on the VIPER06HS
January 2013 Rev 1
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
   Wide range single-output demonstration board based on the VIPER37LE
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
   Wide-range single-output demonstration board based on the VIPER26HN
December 2012 Rev 1
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
   Demonstration board on 7 W single output based on the VIPer17
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
   4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
   50 W wide-range high power factor flyback converter demonstration board based on the L6564
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
   Ultra wide range dual output back converter demonstration board based on the VIPER16
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
   5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com