Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66193048 Datasheet (PDF) - Vishay Siliconix

66193048 Datasheet PDF - Vishay Siliconix
Part # 66193048
Download  66193048 Download
File Size   75.84 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PTC Thermistors, Overload Protection For Telecommunication

66193048 Datasheet (PDF)

Go To PDF Page Download Datasheet
66193048 Datasheet PDF - Vishay Siliconix

Part # 66193048
Download  66193048 Click to download

File Size   75.84 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PTC Thermistors, Overload Protection For Telecommunication

66193048 Datasheet (HTML) - Vishay Siliconix


66193048 Product details

• Wide resistance range in telecom area 4... to 70 Ω
• Fast protection against power contact faults
• Withstand high overload currents of up to 10 A
• High voltage withstanding capabilities for the larger sized
thermistors
• Good tracking over a wide temperature range for all
matched or binned types
• UL1434 approved types available (XGPU2)
• Excellent stability over extended time
• All telecom PTCs are coated with a high temperature
silicon lacquer (UL94V0) to protect them from any harsh
environments and to improve their lifetime.




Similar Part No. - 66193048

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66193 MICROPAC-66193 Datasheet
85Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-001 MICROPAC-66193-001 Datasheet
85Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-011 MICROPAC-66193-011 Datasheet
85Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
66193-101 MICROPAC-66193-101 Datasheet
85Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
More results


Similar Description - 66193048

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
232266197 VISHAY-232266197 Datasheet
109Kb / 4P
Surface Mount PTC Thermistors For Overload Protection
10-Oct-03
232266093034 VISHAY-232266093034 Datasheet
52Kb / 2P
PTC Thermistors, Overload Protection For Instrumentation
10-Oct-03
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
145 V PTC Thermistors for Overload Protection
21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
265 V PTC Thermistors for Overload Protection
21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
PTC Thermistors, Overload Protection for Telecommunication
13-Nov-15
238166197 VISHAY-238166197 Datasheet
96Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Oct-09
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
PTC Thermistors, Overload Protection for Telecommunication
13-Nov-15
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com