Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C223K1RACTU Datasheet (PDF) - Vishay Siliconix

C0603C223K1RACTU Datasheet PDF - Vishay Siliconix
Part # C0603C223K1RACTU
Download  C0603C223K1RACTU Download
File Size   1061.6 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 6 A Synchronous Buck Regulator

C0603C223K1RACTU Datasheet (PDF)

Go To PDF Page Download Datasheet
C0603C223K1RACTU Datasheet PDF - Vishay Siliconix

Part # C0603C223K1RACTU
Download  C0603C223K1RACTU Click to download

File Size   1061.6 Kbytes
Page   23 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 6 A Synchronous Buck Regulator

C0603C223K1RACTU Datasheet (HTML) - Vishay Siliconix


C0603C223K1RACTU Product details

• Single supply operation from 4.5 V to 60 V input voltage
• Adjustable output voltage down to 0.8 V
• 6 A continuous output current
• Adjustable switching frequency from 100 kHz to 2 MHz
• Adjustable current limit and soft start
• 98 % peak efficiency
• Ultra-fast transient response
• ± 1 % output voltage accuracy
• Normal, ultrasonic or pulse skipping operation
• 5 μA shutdown current
• 250 μA operating current
• Cycle-by-cycle current limit
• Output overvoltage protection
• Output undervoltage / short circuit protection
• Output voltage tracking and sequencing
• Scalable family of output current:
3 A (SiC463), 6 A (SiC462), 10 A (SiC461)




Similar Part No. - C0603C223K1RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C223K1RACTU KEMET-C0603C223K1RACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Similar Description - C0603C223K1RACTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
16-Dec-13
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
16-Apr-18
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com