Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1090 Datasheet (PDF) - Vishay Siliconix

MBR1090 Datasheet PDF - Vishay Siliconix
Part # MBR1090
Download  MBR1090 Download
File Size   125.77 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Schottky Rectifiers

MBR1090 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1090 Datasheet PDF - Vishay Siliconix

Part # MBR1090
Download  MBR1090 Click to download

File Size   125.77 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Schottky Rectifiers

MBR1090 Datasheet (HTML) - Vishay Siliconix


MBR1090 Product details

FEATURES
• Trench MOS Schottky technology
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per JESD 22-B106 (for TO-220AC and ITO-220AC package)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in high frequency rectifier of switching mode power supplies, freewheeling diodes, DC/DC converters or polarity protection application.




Similar Part No. - MBR1090

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1090 MOTOROLA-MBR1090 Datasheet
83Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Taiwan Semiconductor Co...
MBR1090 TSC-MBR1090 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR1090 ONSEMI-MBR1090 Datasheet
58Kb / 4P
SWITCHMODE Power Rectifiers
February, 2006 ??Rev. 6
logo
Taiwan Semiconductor Co...
MBR1090 TSC-MBR1090 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBR1090 BILIN-MBR1090 Datasheet
210Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR1090

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
High-Voltage Dual Schottky Rectifiers
02-Jul-02
SB2H100 VISHAY-SB2H100 Datasheet
31Kb / 2P
High Voltage Schottky Rectifiers
25-Jun-02
MBRB10H100 VISHAY-MBRB10H100 Datasheet
114Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Shenzhen Taychipst Elec...
SB1H90 TAYCHIPST-SB1H90 Datasheet
14Mb / 2P
High Voltage Schottky Rectifiers
SB2H90 TAYCHIPST-SB2H90 Datasheet
14Mb / 2P
High Voltage Schottky Rectifiers
SB3H90 TAYCHIPST-SB3H90 Datasheet
14Mb / 2P
High Voltage Schottky Rectifiers
SB5H90 TAYCHIPST-SB5H90 Datasheet
14Mb / 2P
High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SS10PH10 VISHAY-SS10PH10_15 Datasheet
96Kb / 6P
High Voltage Schottky Rectifiers
06-Nov-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com