Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908RF2 Datasheet (PDF) - Motorola, Inc

MC68HC908RF2 Datasheet PDF - Motorola, Inc
Part # MC68HC908RF2
Download  MC68HC908RF2 Download
File Size   1268.38 Kbytes
Page   254 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC908RF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908RF2 Datasheet PDF - Motorola, Inc

Part # MC68HC908RF2
Download  MC68HC908RF2 Click to download

File Size   1268.38 Kbytes
Page   254 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC908RF2 Datasheet (HTML) - Motorola, Inc


MC68HC908RF2 Product details

Introduction
The MC68HC908RF2 MCU is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). Optimized for low-power operation and available in a small 32-pin low-profile quad flat pack (LQFP), this MCU is well suited for remote keyless entry (RKE) transmitter designs. The M68HC08 Family is based on the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

Features
Features of the MC68HC908RF2 MCU include:
• High-performance M68HC08 architecture
• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
• Maximum internal bus frequency of 4 MHz at 3.3 volts
• Maximum internal bus frequency of 2 MHz at 1.8 volts
• Internal oscillator requiring no external components:
   – Software selectable bus frequencies
   – ± 25 percent accuracy with trim capability to ±2 percent
   – Option to allow use of external clock source or external crystal/ceramic resonator
• 2 Kbytes of on-chip FLASH memory
• FLASH program memory security(1)
• 128 bytes of on-chip RAM
• 16-bit, 2-channel timer interface module (TIM)
• 12 general-purpose input/output (I/O) ports:
   – Six shared with keyboard wakeup function
   – Two shared with the timer module
   – Port A pins have 3-mA sink capabilities
• Low-voltage inhibit (LVI) module:
   – 1.85-V detection forces MCU into reset
   – 2.0-V detection sets indicator flag
• 6-bit keyboard interrupt with wakeup feature
• External asynchronous interrupt pin with internal pullup (IRQ1)
• Ultra high frequency (UHF) transmitter
• System protection features:
   – Computer operating properly (COP) reset
   – Low-voltage detection with reset
   – Illegal opcode detection with reset
   – Illegal address detection with reset
• 32-pin plastic LQFP package
• Low-power design with stop and wait modes
• Master reset pin and power-on reset (POR)
• –40° to 85° Celsius operation

Features of the CPU08 include:
• Enhanced HC05 programming model
• Extensive loop control functions
• 16 addressing modes (eight more than the HC05)
• 16-bit index register and stack pointer
• Memory-to-memory data transfers
• Fast 8 × 8 multiply instruction
• Fast 16/8 divide instruction
• Binary-coded decimal (BCD) instructions
• Optimization for controller applications
• Third party C language support




Similar Part No. - MC68HC908RF2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908RF2 FREESCALE-MC68HC908RF2 Datasheet
2Mb / 188P
M68HC08 Microcontrollers
MC68HC908RF2A FREESCALE-MC68HC908RF2A Datasheet
2Mb / 172P
M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908RF2CFA MOTOROLA-MC68HC908RF2CFA Datasheet
2Mb / 188P
Microcontrollers
logo
Freescale Semiconductor...
MC68HC908RF2CFA FREESCALE-MC68HC908RF2CFA Datasheet
2Mb / 188P
M68HC08 Microcontrollers
MC68HC908RF2CFA FREESCALE-MC68HC908RF2CFA Datasheet
2Mb / 188P
Microcontrollers
More results


Similar Description - MC68HC908RF2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
HCMOS Microcontroller Unit
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
HCMOS Microcontroller Unit
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
HCMOS MICROCONTROLLER UNIT
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
HCMOS Microcontroller Unit
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
HCMOS MICROCONTROLLER UNIT
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com