Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-AIM Datasheet (PDF) - List of Unclassifed Manufacturers

MI-AIM Datasheet PDF - List of Unclassifed Manufacturers
Part # MI-AIM
Download  MI-AIM Download
File Size   210.44 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Military Component Front End Modules

MI-AIM Datasheet (PDF)

Go To PDF Page Download Datasheet
MI-AIM Datasheet PDF - List of Unclassifed Manufacturers

Part # MI-AIM
Download  MI-AIM Click to download

File Size   210.44 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Military Component Front End Modules

MI-AIM Datasheet (HTML) - List of Unclassifed Manufacturers


MI-AIM Product details

[Vicor]

Alternating Input Module

Product Highlights
The AC input module interfaces directly with AC mains to provide line rectification, EMI filtering, transient protection, and inrush limiting. These front-end modules accept 115VAC and provide 250W of output power for any of Vicor’s MI-x7x family of standard and junior size modules.

Features & Benefits
• Inputs: 115VAC 60/400Hz
• Output power: 250W
• MIL-STD-704A input transient protection
• MIL-STD-461D/E EMI compliant*
• MIL-STD-810, MIL-STD-202 environments
• Compatible with MI-x7x family modules
• Efficiency: 95%
• Operating temperature to 100˚C
• Size: 2.28” x 2.4” x 0.5” (57,9 x 61,0 x 12,7mm)




Similar Part No. - MI-AIM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-AIM VICOR-MI-AIM Datasheet
154Kb / 5P
AC Input Front End Module
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
154Kb / 5P
AC Input Front End Module
MI-AIM-M1 VICOR-MI-AIM-M1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
MI-AIM-M1 VICOR-MI-AIM-M1 Datasheet
154Kb / 5P
AC Input Front End Module
More results


Similar Description - MI-AIM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
Component Power AC Front End Modules
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
Component Power Front-end System for EN Compliance
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
VIDEO FRONT-END MODULES
logo
Vicor Corporation
EN1C11 VICOR-EN1C11_15 Datasheet
1Mb / 13P
Component Power Front-end System for EN Compliance
logo
Micross Components
HMC526 MICROSS-HMC526 Datasheet
880Kb / 9P
Military End Use
logo
Analog Devices
HMC532LP4 AD-HMC532LP4 Datasheet
280Kb / 4P
Military End-Use
logo
Vicor Corporation
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com