Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL1205AT Datasheet (PDF) - Vishay Siliconix

IL1205AT Datasheet PDF - Vishay Siliconix
Part # IL1205AT
Download  IL1205AT Download
File Size   146.66 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated

IL1205AT Datasheet (PDF)

Go To PDF Page Download Datasheet
IL1205AT Datasheet PDF - Vishay Siliconix

Part # IL1205AT
Download  IL1205AT Click to download

File Size   146.66 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated

IL1205AT Datasheet (HTML) - Vishay Siliconix


IL1205AT Product details

DESCRIPTION
The 110 °C IL1205AT/1206AT/1207AT/1208AT are optically coupled pairs with a gallium arsenide infrared LED and a silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. This family comes in a standard SOIC-8 small outline package for surface mounting which makes them ideally suited for high density application with limited space. In addition to eliminating through-hole requirements, this package conforms to standards for surface mounted devices.

FEATURES
• Operating temperature from - 55 °C to + 110 °C
• High BVCEO, 70 V
• Isolation test voltage, 4000 VRMS
• Industry standard SOIC-8 surface mountable package
• Compatible with dual wave, vapor phase and IR reflow soldering
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

APPLICATIONS
• AC adapters
• PLCs
• Switch mode power supplies
• DC/DC converters
• Microprocessor I/O interfaces
• General impedance matching circuits




Similar Part No. - IL1205AT

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IL1205S XPPOWER-IL1205S Datasheet
45Kb / 1P
DC-DC Power Supplies
More results


Similar Description - IL1205AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL205AT VISHAY-IL205AT_05 Datasheet
259Kb / 7P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
18-Apr-05
IL1207AT VISHAY-IL1207AT Datasheet
148Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
02-Dec-08
IL211AT VISHAY-IL211AT_10 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL1208AT VISHAY-IL1208AT_V01 Datasheet
152Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
IL213AT VISHAY-IL213AT_V01 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
VO208AT VISHAY-VO208AT_V01 Datasheet
114Kb / 6P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
22-Nov-12
IL1206AT VISHAY-IL1206AT_V02 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com