Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH690B Datasheet (PDF) - Vishay Siliconix

SFH690B Datasheet PDF - Vishay Siliconix
Part # SFH690B
Download  SFH690B Download
File Size   135.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package

SFH690B Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH690B Datasheet PDF - Vishay Siliconix

Part # SFH690B
Download  SFH690B Click to download

File Size   135.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package

SFH690B Datasheet (HTML) - Vishay Siliconix


SFH690B Product details

• SOP (small outline package)
• Isolation test voltage, 3750 VRMS (1 s)
• High collector emitter breakdown voltage,
VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End-stackable, 0.100" (2.54 mm) spacing




Similar Part No. - SFH690B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690B VISHAY-SFH690B Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH690B VISHAY-SFH690B Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH690B-X001 VISHAY-SFH690B-X001 Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH690BT VISHAY-SFH690BT Datasheet
129Kb / 7P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
23-May-13
SFH690BT VISHAY-SFH690BT Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
20-Apr-04
More results


Similar Description - SFH690B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
26-Oct-04
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
16-May-08
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
29-Apr-11
SFH690DT VISHAY-SFH690DT Datasheet
129Kb / 7P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
23-May-13
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
20-Apr-04
SFH690D VISHAY-SFH690D_V01 Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH690AB VISHAY-SFH690AB_V02 Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH691AT VISHAY-SFH691AT_V02 Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
12-Apr-13
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Dec-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com