Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST49C107ACF14-04 Datasheet (PDF) - Exar Corporation

ST49C107ACF14-04 Datasheet PDF - Exar Corporation
Part # ST49C107ACF14-04
Download  ST49C107ACF14-04 Download

File Size   66.42 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Preprogrammed CPU Mother Board Frequency Generator

ST49C107ACF14-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST49C107ACF14-04 Datasheet PDF - Exar Corporation

Part # ST49C107ACF14-04
Download  ST49C107ACF14-04 Click to download

File Size   66.42 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Preprogrammed CPU Mother Board Frequency Generator

ST49C107ACF14-04 Datasheet (HTML) - Exar Corporation

ST49C107ACF14-04 Datasheet HTML 1Page - Exar Corporation ST49C107ACF14-04 Datasheet HTML 2Page - Exar Corporation ST49C107ACF14-04 Datasheet HTML 3Page - Exar Corporation ST49C107ACF14-04 Datasheet HTML 4Page - Exar Corporation ST49C107ACF14-04 Datasheet HTML 5Page - Exar Corporation ST49C107ACF14-04 Datasheet HTML 6Page - Exar Corporation ST49C107ACF14-04 Datasheet HTML 7Page - Exar Corporation ST49C107ACF14-04 Datasheet HTML 8Page - Exar Corporation

ST49C107ACF14-04 Product details

GENERAL DESCRIPTION
The ST49C107A-04 is a mask programmable monolithic analog CMOS device designed to generate two simultaneous clocks. The output frequency can vary from 2 to 130MHz, with up to 16 single selectable preprogrammed frequencies stored in internal ROM.

FEATURES
 • Provides Reference Clock And Synthesized Clock
 • 5 to 32 MHz Input Reference Frequency
 • Pin-to-Pin Compatible to Avasem AV9107
 • Programmable Analog Phase Locked Loop
 • Low Power Single 5V CMOS Technology
 • Up to 16 Frequencies Stored Internally
 • 8/14 pin DIP or SOIC Package




Similar Part No. - ST49C107ACF14-04

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST49C101A EXAR-ST49C101A Datasheet
109Kb / 10P
   High Frequency Clock Multiplier
ST49C101ACF8-01 EXAR-ST49C101ACF8-01 Datasheet
109Kb / 10P
   High Frequency Clock Multiplier
ST49C101ACF8-03 EXAR-ST49C101ACF8-03 Datasheet
109Kb / 10P
   High Frequency Clock Multiplier
ST49C101ACF8-05 EXAR-ST49C101ACF8-05 Datasheet
109Kb / 10P
   High Frequency Clock Multiplier
ST49C101ACF8-06 EXAR-ST49C101ACF8-06 Datasheet
109Kb / 10P
   High Frequency Clock Multiplier
More results


Similar Description - ST49C107ACF14-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9107C-17 IDT-AV9107C-17 Datasheet
149Kb / 5P
   CPU Frequency Generator
AV9107C IDT-AV9107C Datasheet
509Kb / 9P
   CPU Frequency Generator
logo
Integrated Circuit Syst...
ICS9148-53 ICST-ICS9148-53 Datasheet
540Kb / 18P
   Frequency Generator & Integrated Buffers for Mother Boards
AV9108 ICST-AV9108 Datasheet
323Kb / 8P
   CPU Frequency Generator
AV9107C-17 ICST-AV9107C-17 Datasheet
143Kb / 5P
   CPU Frequency Generator
AV9107C-13 ICST-AV9107C-13 Datasheet
245Kb / 5P
   CPU Frequency Generator
AV9107C ICST-AV9107C Datasheet
504Kb / 9P
   CPU Frequency Generator
ICS9148-75 ICST-ICS9148-75 Datasheet
642Kb / 17P
   Frequency Generator & Integrated Buffers for Mother Boards
AV9107C-11 ICST-AV9107C-11 Datasheet
69Kb / 1P
   Green PC CPU Frequency Generator
logo
Renesas Technology Corp
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com