Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55W1600FT Datasheet (PDF) - Toshiba Semiconductor

TC55W1600FT Datasheet PDF - Toshiba Semiconductor
Part # TC55W1600FT
Download  TC55W1600FT Download
File Size   202.2 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM

TC55W1600FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55W1600FT Datasheet PDF - Toshiba Semiconductor

Part # TC55W1600FT
Download  TC55W1600FT Click to download

File Size   202.2 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM

TC55W1600FT Datasheet (HTML) - Toshiba Semiconductor


TC55W1600FT Product details

Description
The TC55W1600FT is a 16,777,216-bit static random access memory (SRAM) organized as 1,048,576 words by 16 bits/2,097,152 words by 8 bits. Fabricated using Toshiba's CMOS Silicon gate process technology, this device operates from a single 2.3 to 3.1 V power supply. Advanced circuit technology provides both high speed and low power at an operating current of 3 mA/MHz and a minimum cycle time of 55 ns. It is automatically placed in low-power mode at 0.5 µA standby current (at VDD = 3.0 V, Ta = 25°C, maximum) when chip enable (CE1 ) is asserted high or (CE2) is asserted low. There are three control inputs. CE1 and CE2 are used to select the device and for data retention control, and output enable ( OE ) provides fast memory access. Data byte control pin ( LB , UB ) provides lower and upper byte access. This device is well suited to various microprocessor system applications where high speed, low power and battery backup are required. And, with a guaranteed operating range of −40° to 85°C, the TC55W1600FT can be used in environments exhibiting extreme temperature conditions. The TC55W1600FT is available in a plastic 48-pin thin-small-outline package (TSOP).

Features
■ Low-power dissipation
■ Operating: 9.3 mW/MHz (typical)
■ Single power supply voltage of 2.3 to 3.1 V
■ Power down features usingCE1 and CE2
■ Data retention supply voltage of 1.5 to 3.1 V
■ Direct TTL compatibility for all inputs and outputs
■ Wide operating temperature range of −40° to 85°C
■ Standby Current (maximum): 3.1 V 10 µA 3.0 V 5 µA




Similar Part No. - TC55W1600FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55W800FT TOSHIBA-TC55W800FT Datasheet
188Kb / 13P
524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
03-Oct-2001
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
03-Oct-2001
TC55W800FT-70 TOSHIBA-TC55W800FT-70 Datasheet
188Kb / 13P
524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
03-Oct-2001
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
03-Oct-2001
TC55W800XB8 TOSHIBA-TC55W800XB8 Datasheet
200Kb / 12P
524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
03-Oct-2001
More results


Similar Description - TC55W1600FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
16-Jun-1997
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
29-Aug-2002
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
03-Oct-2001
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC55VCM416BTGN55 TOSHIBA-TC55VCM416BTGN55 Datasheet
238Kb / 18P
1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com