Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP628 Datasheet (PDF) - Toshiba Semiconductor

TLP628 Datasheet PDF - Toshiba Semiconductor
Part # TLP628
Download  TLP628 Download
File Size   257.78 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Transistor

TLP628 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP628 Datasheet PDF - Toshiba Semiconductor

Part # TLP628
Download  TLP628 Click to download

File Size   257.78 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Transistor

TLP628 Datasheet (HTML) - Toshiba Semiconductor


TLP628 Product details

Programmable Controllers

DC−Output Module

Telecommunication





The TOSHIBA TLP628, −2, and −4 consists of a gallium arsenide infreared emitting diode optically coupled to a phototransistor which has a 350V high voltage of collector−emitter breakdown voltage. The TLP628−2 offers two isolated channels in a eight lead plastic DIP package, while the TLP628−4 provide four isolated channels per package.





Collector−emitter voltage: 350 V (min.)

Current transfer ratio: 50% (min.)

Isoration voltage: 5000Vrms (min.)

UL recognized: UL1577, file No. E67349




Similar Part No. - TLP628

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628 Datasheet
252Kb / 8P
Programmable Controllers
TLP628-2 TOSHIBA-TLP628-2 Datasheet
252Kb / 8P
Programmable Controllers
logo
List of Unclassifed Man...
TLP628-3 ETC1-TLP628-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
logo
Toshiba Semiconductor
TLP628-4 TOSHIBA-TLP628-4 Datasheet
252Kb / 8P
Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
Programmable Controllers
More results


Similar Description - TLP628

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com