Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L496QGI3SXXX Datasheet (PDF) - STMicroelectronics

STM32L496QGI3SXXX Datasheet PDF - STMicroelectronics
Part # STM32L496QGI3SXXX
Download  STM32L496QGI3SXXX Download
File Size   3381.83 Kbytes
Page   263 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 nA Shutdown mode

STM32L496QGI3SXXX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L496QGI3SXXX Datasheet PDF - STMicroelectronics

Part # STM32L496QGI3SXXX
Download  STM32L496QGI3SXXX Click to download

File Size   3381.83 Kbytes
Page   263 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 nA Shutdown mode

STM32L496QGI3SXXX Datasheet (HTML) - STMicroelectronics


STM32L496QGI3SXXX Product details

Features
■ Ultra-low-power with FlexPowerControl – 1.71 V to 3.6 V power supply – -40 °C to 85/125 °C temperature range – 320 nA in VBAT mode: supply for RTC and 32x32-bit backup registers – 25 nA Shutdown mode (5 wakeup pins) – 108 nA Standby mode (5 wakeup pins) – 426 nA Standby mode with RTC – 2.57 µA Stop 2 mode, 2.86 µA Stop 2 with RTC – 91 µA/MHz run mode (LDO Mode) – 37 μA/MHz run mode (@3.3 V SMPS Mode) – Batch acquisition mode (BAM) – 5 µs wakeup from Stop mode – Brown out reset (BOR) in all modes except shutdown – Interconnect matrix
■ Core: ARM® 32-bit Cortex®-M4 CPU with FPU, Adaptive real-time accelerator (ART Accelerator™) allowing 0-wait-state execution from Flash memory, frequency up to 80 MHz, MPU, 100 DMIPS and DSP instructions
■ Performance benchmark – 1.25 DMIPS/MHz (Drystone 2.1) – 273.55 Coremark® (3.42 Coremark/MHz @ 80 MHz)
■ Energy benchmark – 217 ULPBENCH™ score
■ 16 x timers: 2 x 16-bit advanced motor-control, 2 x 32-bit and 5 x 16-bit general purpose, 2 x 16-bit basic, 2 x low-power 16-bit timers (available in Stop mode), 2 x watchdogs, SysTick timer
■ RTC with HW calendar, alarms and calibration
■ Up to 136 fast I/Os, most 5 V-tolerant, up to 14 I/Os with independent supply down to 1.08 V
■ Dedicated Chrom-ART Accelerator™ for enhanced graphic content creation (DMA2D)
■ 8- to 14-bit camera interface up to 32 MHz (black&white) or 10 MHz (color)
■ Memories – Up to 1 MB Flash, 2 banks read-while- write, proprietary code readout protection – 320 KB of SRAM including 64 KB with hardware parity check – External memory interface for static memories supporting SRAM, PSRAM, NOR and NAND memories – Dual-flash Quad SPI memory interface
■ Clock Sources – 4 to 48 MHz crystal oscillator – 32 kHz crystal oscillator for RTC (LSE) – Internal 16 MHz factory-trimmed RC (±1%) – Internal low-power 32 kHz RC (±5%) – Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25% accuracy) – Internal 48 MHz with clock recovery – 3 PLLs for system clock, USB, audio, ADC
■ LCD 8 × 40 or 4 × 44 with step-up converter
■ Up to 24 capacitive sensing channels: support touchkey, linear and rotary touch sensors
■ 4 x digital filters for sigma delta modulator
■ Rich analog peripherals (independent supply) – 3 × 12-bit ADC 5 Msps, up to 16-bit with hardware oversampling, 200 µA/Msps – 2 x 12-bit DAC, low-power sample and hold UFBGA132 (7 × 7) LQFP144 (20 × 20) UFBGA169 (7 x 7) WLCSP100 LQFP100 (14 x 14) LQFP64 (10 x 10)




Similar Part No. - STM32L496QGI3SXXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L496QGI3 STMICROELECTRONICS-STM32L496QGI3 Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496QGI3P STMICROELECTRONICS-STM32L496QGI3P Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496QGI3PTR STMICROELECTRONICS-STM32L496QGI3PTR Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496QGI3PXXX STMICROELECTRONICS-STM32L496QGI3PXXX Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
STM32L496QGI3TR STMICROELECTRONICS-STM32L496QGI3TR Datasheet
3Mb / 262P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
22-Feb-2017
More results


Similar Description - STM32L496QGI3SXXX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
CM8662 ETC-CM8662 Datasheet
237Kb / 8P
AUDIO POWER AMP WITH SHUTDOWN MODE
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
List of Unclassifed Man...
HWD2119 ETC1-HWD2119 Datasheet
877Kb / 21P
350mWAudio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LP3891ES-1.2 TI-LP3891ES-1.2 Datasheet
1Mb / 19P
1.5% Output Accuracy (25째C), 60 nA Typical Quiescent Current in Shutdown
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
Low Standby Current during Shutdown Mode
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
Low Standby Current during Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com